| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 128 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 128 Page - Texas Instruments |
|
128 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-39. UART3 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. UART3 VOUT[1], VOUT[1]_B_CB_C[6]/ EMAC[1], VIN[1]A, EMAC[1]_MRXD[2]/ IPD GP3 VIN[1]A_D[3]/ AD25 I DVDD PINCNTL211 UART3_RXD/ DSIS: 1 GP3[3] MM: MUX1 UART3 Receive Data Input. Functions as IrDA receive input in IrDA modes and CIR receive input in CIR mode. UART0_DCD/ UART0, SPI[0], UART3_RXD/ I2C[2], SD1, GP1 SPI[0]_SCS[3]/ IPU AH4 I PINCNTL74 I2C[2]_SCL/ DVDD DSIS: 1 SD1_POW/ MM: MUX0 GP1[2] VOUT[1], VOUT[1]_B_CB_C[7]/ EMAC[1], VIN[1]A, EMAC[1]_MRXD[3]/ IPD GP3 VIN[1]A_D[4]/ AC25 O DVDD PINCNTL212 UART3_TXD/ DSIS: PIN GP3[4] MM: MUX1 UART3 Transmit Data Output. Functions as CIR transmit output in CIR mode. UART0_DSR/ UART0, SPI[0], UART3_TXD/ I2C[2], SD1, GP1 SPI[0]_SCS[2]/ IPU AG4 O PINCNTL75 I2C[2]_SDA/ DVDD DSIS: PIN SD1_SDWP/ MM: MUX0 GP1[3] VOUT[1]_HSYNC/ VOUT[1], EMAC[1]_MCOL/ EMAC[1], VIN[1]A, VIN[1]A_VSYNC/ IPD SPI[3], GP2 AC24 O SPI[3]_D[1]/ DVDD PINCNTL205 UART3_RTS/ DSIS: PIN UART3 Request to Send Output. Indicates module is ready GP2[29] MM: MUX1 to receive data. Functions as transmit data output in IrDA modes. UART0, UART1, UART0_RIN/ GP1 UART3_RTS/ IPU AF4 O PINCNTL77 UART1_RXD/ DVDD DSIS: PIN GP1[5] MM: MUX0 VOUT[1]_VSYNC/ VOUT[1], EMAC[1]_MCRS/ EMAC[1], VIN[1]A, VIN[1]A_FLD/ IPD SPI[3], GP2 VIN[1]A_DE/ AA23 I/O DVDD PINCNTL206 SPI[3]_D[0]/ DSIS: 1 UART3_CTS/ UART3 Clear to Send Input. Functions as SD transceiver MM: MUX1 GP2[30] control output in IrDA and CIR modes. UART3, UART1, UART0_DTR/ GP1 UART3_CTS/ IPU AG2 I/O PINCNTL76 UART1_TXD/ DVDD DSIS: 1 GP1[4] MM: MUX0 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 128 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |