Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050-E/P Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2050-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2050-E/P Datasheet HTML 21Page - Microchip Technology MCP2050-E/P Datasheet HTML 22Page - Microchip Technology MCP2050-E/P Datasheet HTML 23Page - Microchip Technology MCP2050-E/P Datasheet HTML 24Page - Microchip Technology MCP2050-E/P Datasheet HTML 25Page - Microchip Technology MCP2050-E/P Datasheet HTML 26Page - Microchip Technology MCP2050-E/P Datasheet HTML 27Page - Microchip Technology MCP2050-E/P Datasheet HTML 28Page - Microchip Technology MCP2050-E/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 25
MCP2050
2.5
Thermal Specifications
Voltage Regulator
Bus Activity Debounce time
tBDB
30
80
250
µs
Bus Activity to Voltage
Regulator Enabled
tBACTIVE
35
—
200
µs
Voltage Regulator Enabled
to Ready
tVEVR
300
—
1200
µs
(Note 1)
Chip Select to Ready Mode
tCSR
——
230
µs
Chip Select to Power-Down
tCSPD
—
—
300
µs
(Note 2)
Short-Circuit to Shutdown
tSHUTDOWN
20
—
100
µs
RESET Timing
VREG OK detect to RESET
inactive
tRPU
——
60.0
µs
VREG not OK detect to
RESET active
tRPD
——
60.0
µs
WWDT
Reset Pulse Length
tWDRST
—
150
—
µs
-40/+100%
Power-Up Watchdog
Window Length
tPOWERUP
—27.2
—
ms
±15%
RWWDTSELECT = 33 kΩ
(Note 2, Note 3)
Watchdog Window Length
tWLENGTH
5.95
7
8.05
ms
±15%
RWWDTSELECT = 33 kΩ
(Note 4, Note 5)
102
120
138
ms
±15%
RWWDTSELECT = 680 kΩ
(Note 4, Note 5)
Note 1:
Time depends on external capacitance and load. Test condition: CREG = 4.7uF, no resistor load.
2:
Characterized, not 100% tested.
3:
tPOWERUP = 0.8 ms × (RWWDTSELECT+1); R in kΩ.
4:
tWLENGTH = (0.175 ms × RWWDTSELECT) + 1.2 ±15%; R in kΩ.
5:
Characterized; tested for RWWDTSELECT = 33 kΩ and 680 kΩ
Parameter
Symbol
Typ
Max
Units
Test Conditions
Recovery Temperature
RECOVERY
+140
—
C
Shutdown Temperature
SHUTDOWN
+150
—
C
Short Circuit Recovery Time
tTHERM
1.5
5.0
ms
Thermal Package Resistances
Thermal Resistance, 14L-PDIP
JA
70
—
C/W
Thermal Resistance, 14L-SOIC
JA
90.8
—
C/W
Thermal Resistance, 20L-QFN
JA
44.6
—
C/W
Note 1:
The maximum power dissipation is a function of TJMAX,
JA and ambient temperature TA. The maximum
allowable power dissipation at an ambient temperature is PD = (TJMAX - TA)
JA. If this dissipation is
exceeded, the die temperature will rise above 150
C and the MCP2050 will go into thermal shutdown.
2.4
AC Specifications (Continued)
AC CHARACTERISTICS
Electrical Characteristics
: Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 18.0V; TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com