Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2050-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2050-E/P Datasheet HTML 16Page - Microchip Technology MCP2050-E/P Datasheet HTML 17Page - Microchip Technology MCP2050-E/P Datasheet HTML 18Page - Microchip Technology MCP2050-E/P Datasheet HTML 19Page - Microchip Technology MCP2050-E/P Datasheet HTML 20Page - Microchip Technology MCP2050-E/P Datasheet HTML 21Page - Microchip Technology MCP2050-E/P Datasheet HTML 22Page - Microchip Technology MCP2050-E/P Datasheet HTML 23Page - Microchip Technology MCP2050-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP2050
DS20002299C-page 20
 2012-2014 Microchip Technology Inc.
Microcontroller Interface
High-Level Input Voltage
(TXD, FAULT/TXE,
WWDTTRIG)
VIH
2.0
—
VREG
+0.3
V
Low-Level Input Voltage
(TXD, FAULT/TXE,
WWDTTRIG)
VIL
-0.3
—
0.8
V
High-Level Input Current
(TXD, FAULT/TXE,
WWDTTRIG)
IIH
-2.5
—
0.4
µA
Input voltage = 4.0V.
~800 kΩ internal adaptive
pull-up
Low-Level Input Current
(TXD, FAULT/TXE,
WWDTTRIG)
IIL
-10
—
—
µA
Input voltage = 0.5V.
~800 kΩ internal adaptive
pull-up
High-Level Input Voltage
(CS/LWAKE)
VIH
2.0
—
VBB
V
Through a current-limiting
resistor
Low-Level Input Voltage
(CS/LWAKE)
VIL
-0.3
—
0.8
V
High-Level Input Current
(CS/LWAKE)
IIH
——
8.0
µA
Input voltage = 0.8VREG
~1.3 MΩ internal pull-
down to VSS
Low-Level Input Current
(CS/LWAKE)
IIL
——
5.0
µA
Input voltage = 0.2VREG
~1.3 MΩ internal pull-
down to VSS
Low-Level Output Voltage
(RXD)
VOLRXD
——
0.2VREG
VIOL = 2 mA
High-Level Output Voltage
(RXD)
VOHRXD
0.8VREG
——
V
IOH = 2 mA
Low-Level Output Voltage
(FAULT/TXE)
VOLOD
—1.0
V
IOL = 4 mA
Low-Level Output Voltage
(RESET)
VOLRST
——
1.0
V
IOL = 4 mA
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V, TA = -40°C to +125°C
CREG = 10 µF
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0Ω, TX = 0, VLBUS = VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com