Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050-E/P Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP2050-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP2050-E/P Datasheet HTML 22Page - Microchip Technology MCP2050-E/P Datasheet HTML 23Page - Microchip Technology MCP2050-E/P Datasheet HTML 24Page - Microchip Technology MCP2050-E/P Datasheet HTML 25Page - Microchip Technology MCP2050-E/P Datasheet HTML 26Page - Microchip Technology MCP2050-E/P Datasheet HTML 27Page - Microchip Technology MCP2050-E/P Datasheet HTML 28Page - Microchip Technology MCP2050-E/P Datasheet HTML 29Page - Microchip Technology MCP2050-E/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MCP2050
DS20002299C-page 26
 2012-2014 Microchip Technology Inc.
2.6
Typical Performance Curves
Note:
Unless otherwise indicated, VBB = 6.0V to 18.0V; TA = -40°C to +125°C
FIGURE 2-2:
Typical IBBQ vs.
Temperature – 5.0V.
FIGURE 2-3:
Typical IBBTO vs.
Temperature – 5.0V.
FIGURE 2-4:
Typical IPD vs.
Temperature – 5.0V.
FIGURE 2-5:
Typical IBBQ vs.
Temperature – 3.3V.
FIGURE 2-6:
Typical IBBTO vs.
Temperature – 3.3V.
FIGURE 2-7:
Typical IPD vs.
Temperature – 3.3V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
80
100
120
140
160
180
200
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
°C)
VBB = 6V
VBB = 12V
VBB = 18V
50
60
70
80
90
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
°C)
VBB = 6V
VBB = 12V
VBB = 18V
4
4.2
4.4
4.6
4.8
5
5.2
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
°C)
VBB = 6V
VBB = 12V
VBB = 18V
80
100
120
140
160
180
200
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
°C)
VBB = 6V
VBB = 12V
VBB = 18V
50
60
70
80
90
100
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
°C)
VBB = 6V
VBB = 12V
VBB = 18V
4
4.2
4.4
4.6
4.8
5
5.2
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature(
°C)
VBB=6V
VBB=12V
VBB=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com