Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050-E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2050-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2050-E/P Datasheet HTML 11Page - Microchip Technology MCP2050-E/P Datasheet HTML 12Page - Microchip Technology MCP2050-E/P Datasheet HTML 13Page - Microchip Technology MCP2050-E/P Datasheet HTML 14Page - Microchip Technology MCP2050-E/P Datasheet HTML 15Page - Microchip Technology MCP2050-E/P Datasheet HTML 16Page - Microchip Technology MCP2050-E/P Datasheet HTML 17Page - Microchip Technology MCP2050-E/P Datasheet HTML 18Page - Microchip Technology MCP2050-E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 15
MCP2050
EQUATION 1-2:
Assume VBATMIN = 8V. Equation 1-2 shows 10Ω
EQUATION 1-3:
Assume ∆VRECCESSIVE = 1V and IREGMAX = 50 mA
Equation 1-3 shows 20Ω
EQUATION 1-4:
Assume ∆Slope = 15%, VBATMIN = 8V and
IREGMAX = 50 mA. Equation 1-3 shows 20Ω
1.6.3
CBAT CAPACITOR
Selecting
CBAT =10 x CREG
is
recommended.
However, this leads to a high-value capacitor. Lower
values for CBAT capacitor can be used with respect to
some rules. In any case, the voltage at the VBB pin
should remain above VOFF when the device is turned on.
The current peak at start-up (due to the fast charge of
the CREG and CBAT capacitors) may induce a
significant drop on the VBB pin. This drop is
proportional to the impedance of the VBAT connection
(see Figure 1-12).
The VBAT connection is mainly inductive and resistive.
Therefore, it can be modeled as a resistor (RTOT) in
series with an inductor (L). RTOT and L can be
measured.
The following formula gives an indication of the
minimum value of CBAT using RTOT and L:
EQUATION 1-5:
Equation 1-5 allows lower CBAT/CREG values than the
10x ratio we recommend.
Assume that we have a good quality VBAT connection
with RTOT =0.1
 and L = 0.1 mH.
Solving the equation gives CBAT/CREG =1.
If we increase RTOT up to 1
 the result becomes
CBAT/CREG = 1.4. However, if the connection is highly
resistive or highly inductive (poor connection), the
CBAT/CREG ratio greatly increases.
Figure 1-11 shows the minimum recommended
CBAT/CREG ratio as a function of the impedance of the
VBAT connection.
FIGURE 1-11:
MINIMUM
RECOMMENDED
CBAT/CREG RATIO
250 mA is the peak current at power-on when
VBB =5.5V
R
TP
V
BATmin
5.5V
–
250mA
-------------------------------------
5.5V
V
OFF
1.0V
+
=
R
TP
V
RECESSIVE
I
REGMAX
----------------------------------
Where:
VRECESSIVE = Maximum variation tolerated on
the recessive level
R
TP
Slope
V
BA TMIN
1V
–

I
REGMAX
-----------------------------------------------------------------
Where:
Slope = Maximum variation tolerated on the
slope level
IREGMAX = Maximum current the current will
provide to the load
VBATMIN >VOFF +1.0V
TABLE 1-5:
CBAT/CREG RATIO BY VBAT
CONNECTION TYPE
Connection
Type
RTOT
L
CBAT/CREG
Ratio
Good
0.1
 0.1 mH
1
Typical
1
0.1 mH
1.4
Highly inductive
0.1
1mH
7
Highly resistive
10
0.1 mH
7
C
BAT
C
REG
--------------
100L
2
R
TOT
2
+
1L
2
R
TOT
2
100
-------------
++
------------------------------------
=
Where:
L = Inductor (measured in mH)
RTOT =RLINE +RTP (measured in
)
1
10
0.1
1
VBAT Line Inductance [mH]
CBAT/CREG Ratio as Function of the VBAT Line
Impedance
RBAT = 10
RBAT = 4
RBAT = 2
RBAT = 1
RBAT = 0.3
RBAT = 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com