Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050-E/P Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP2050-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/P Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP2050-E/P Datasheet HTML 32Page - Microchip Technology MCP2050-E/P Datasheet HTML 33Page - Microchip Technology MCP2050-E/P Datasheet HTML 34Page - Microchip Technology MCP2050-E/P Datasheet HTML 35Page - Microchip Technology MCP2050-E/P Datasheet HTML 36Page - Microchip Technology MCP2050-E/P Datasheet HTML 37Page - Microchip Technology MCP2050-E/P Datasheet HTML 38Page - Microchip Technology MCP2050-E/P Datasheet HTML 39Page - Microchip Technology MCP2050-E/P Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 37
MCP2050
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2050:
LIN Transceiver with Voltage Regulator
MCP2050T: LIN Transceiver with Voltage Regulator
(Tape and Reel) (SOIC and QFN)
Tape and
Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
E
= -40°C to +125°C
Package:
MQ = 20-Lead Plastic Quad Flat, No Lead Package –
5x5x0.9 mm Body (QFN)
P
= 14-Lead Plastic Dual In-Line – 300 mil Body (PDIP)
SL = 14-Lead Plastic Small Outline – Narrow, 3.90 mm Body
(SOIC)
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP2050-330E/P:
3.3V, Extended
Temperature, 14-LD PDIP
Package
b) MCP2050-330E/MQ:
3.3V, Extended
Temperature, 20-LD QFN
Package
c) MCP2050T-330E/MQ:
Tape and Reel, 3.3V,
Extended Temperature,
20-LD QFN Package
d) MCP2050-330E/SL:
3.3V, Extended
Temperature, 14-LD SOIC
Package
e) MCP2050T-330E/SL:
Tape and Reel, 3.3V,
Extended Temperature,
14-LD SOIC Package
f)
MCP2050-500E/P:
5.0V, Extended Tempera-
ture, 14-LD PDIP Package
g) MCP2050-500E/MQ:
5.0V, Extended Tempera-
ture, 20-LD QFN Package
h) MCP2050T-500E/MQ:
Tape and Reel, 5.0V,
Extended Temperature,
20-LD QFN Package
i)
MCP2050-500E/SL:
5.0V, Extended Tempera-
ture, 14-LD SOIC Package
j)
MCP2050T-500E/SL:
Tape and Reel, 5.0V,
Extended Temperature,
14-LD SOIC package
[X](1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com