Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS3134 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 41Page - Texas Instruments TMS570LS3134 Datasheet HTML 42Page - Texas Instruments TMS570LS3134 Datasheet HTML 43Page - Texas Instruments TMS570LS3134 Datasheet HTML 44Page - Texas Instruments TMS570LS3134 Datasheet HTML 45Page - Texas Instruments TMS570LS3134 Datasheet HTML 46Page - Texas Instruments TMS570LS3134 Datasheet HTML 47Page - Texas Instruments TMS570LS3134 Datasheet HTML 48Page - Texas Instruments TMS570LS3134 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
5.10 Output Buffer Drive Strengths
Table 5-4. Output Buffer Drive Strengths
LOW-LEVEL OUTPUT CURRENT,
IOL for VI=VOLmax
or
SIGNALS
HIGH-LEVEL OUTPUT CURRENT,
IOH for VI=VOHmin
MIBSPI5CLK,
MIBSPI5SOMI[0],
MIBSPI5SOMI[1],
MIBSPI5SOMI[2],
MIBSPI5SOMI[3],
MIBSPI5SIMO[0], MIBSPI5SIMO[1], MIBSPI5SIMO[2], MIBSPI5SIMO[3],
TMS, TDI, TDO, RTCK,
8 mA
SPI4CLK, SPI4SIMO, SPI4SOMI, nERROR,
N2HET2[1], N2HET2[3],
All EMIF Outputs and I/Os, All ETM Outputs
MIBSPI3SOMI, MIBSPI3SIMO, MIBSPI3CLK, MIBSPI1SIMO, MIBSPI1SOMI, MIBSPI1CLK,
4 mA
nRST
AD1EVT,
CAN1RX, CAN1TX, CAN2RX, CAN2TX, CAN3RX, CAN3TX,
DMM_CLK, DMM_DATA[0], DMM_DATA[1], DMM_nENA, DMM_SYNC,
GIOA[0-7], GIOB[0-7],
LINRX, LINTX,
2 mA zero-dominant
MIBSPI1NCS[0],
MIBSPI1NCS[1-3],
MIBSPI1NENA,
MIBSPI3NCS[0-3],
MIBSPI3NENA,
MIBSPI5NCS[0-3], MIBSPI5NENA,
N2HET1[0-31],
N2HET2[0],
N2HET2[2],
N2HET2[4],
N2HET2[5],
N2HET2[6],
N2HET2[7],
N2HET2[8],
N2HET2[9],
N2HET2[10],
N2HET2[11],
N2HET2[12],
N2HET2[13],
N2HET2[14],
N2HET2[15], N2HET2[16], N2HET2[18],
SPI2NCS[0], SPI2NENA, SPI4NCS[0], SPI4NENA
ECLK,
selectable 8 mA/2 mA
SPI2CLK, SPI2SIMO, SPI2SOMI
The default output buffer drive strength is 8 mA for these signals.
Table 5-5. Selectable 8 mA/2 mA Control
SIGNAL
CONTROL BIT
ADDRESS
8 mA
2 mA
ECLK
SYSPC10[0]
0xFFFFFF78
0
1
SPI2CLK
SPI2PC9[9](1)
0xFFF7F668
0
1
SPI2SIMO
SPI2PC9[10](1)
0xFFF7F668
0
1
SPI2SOMI
SPI2PC9[11](1)
0xFFF7F668
0
1
(1)
Either SPI2PC9[11] or SPI2PC9[24] can change the output strength of the SPI2SOMI pin. In case of a 32-bit write where these 2 bits
differ, SPI2PC9[11] determines the drive strength.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com