Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS3134 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 86Page - Texas Instruments TMS570LS3134 Datasheet HTML 87Page - Texas Instruments TMS570LS3134 Datasheet HTML 88Page - Texas Instruments TMS570LS3134 Datasheet HTML 89Page - Texas Instruments TMS570LS3134 Datasheet HTML 90Page - Texas Instruments TMS570LS3134 Datasheet HTML 91Page - Texas Instruments TMS570LS3134 Datasheet HTML 92Page - Texas Instruments TMS570LS3134 Datasheet HTML 93Page - Texas Instruments TMS570LS3134 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 167 page
background image
EMIF_CLK
EMIF_BA[1:0]
EMIF_ADDR[21:0]
EMIF_DATA[15:0]
1
2
2
4
6
8
8
12
10
16
3
5
7
7
11
13
15
9
BASIC SDRAM
WRITE OPERATION
EMIF_CS[0]
EMIF_DQM[1:0]
EMIF_nRAS
EMIF_nCAS
EMIF_nWE
TMS570LS3134, TMS570LS2134, TMS570LS2124
SPNS165B – APRIL 2012 – REVISED MAY 2015
www.ti.com
Figure 6-18. Basic SDRAM Write Operation
Table 6-29. EMIF Synchronous Memory Timing Requirements
NO.
MIN
MAX
UNIT
Input setup time, read data valid on
19
tsu(EMIFDV-EM_CLKH)
2
ns
EMIFDATA[15:0] before EMIF_CLK rising
Input hold time, read data valid on
20
th(CLKH-DIV)
1.5
ns
EMIFDATA[15:0] after EMIF_CLK rising
Table 6-30. EMIF Synchronous Memory Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, EMIF clock EMIF_CLK
20
ns
2
tw(CLK)
Pulse width, EMIF clock EMIF_CLK high or low
5
ns
3
td(CLKH-CSV)
Delay time, EMIF_CLK rising to EMIFnCS[0] valid
13
ns
Output hold time, EMIF_CLK rising to EMIFnCS[0]
4
toh(CLKH-CSIV)
1
ns
invalid
Delay time, EMIF_CLK rising to EMIFnDQM[1:0]
5
td(CLKH-DQMV)
13
ns
valid
Output hold time, EMIF_CLK rising to
6
toh(CLKH-DQMIV)
1
ns
EMIFnDQM[1:0] invalid
Delay time, EMIF_CLK rising to EMIFADDR[21:0]
7
td(CLKH-AV)
13
ns
and EMIFBA[1:0] valid
Output hold time, EMIF_CLK rising to
8
toh(CLKH-AIV)
1
ns
EMIFADDR[21:0] and EMIFBA[1:0] invalid
Delay time, EMIF_CLK rising to EMIFDATA[15:0]
9
td(CLKH-DV)
13
ns
valid
90
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com