| Electronic Components Datasheet Search |
|
TMS570LS3134 Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3134 Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 167 page ![]() TMS570LS3134, TMS570LS2134, TMS570LS2124 www.ti.com SPNS165B – APRIL 2012 – REVISED MAY 2015 6.5 ARM Cortex-R4F CPU Information 6.5.1 Summary of ARM Cortex-R4F CPU Features The features of the ARM Cortex-R4F CPU include: • An integer unit with integral EmbeddedICE-RT logic. • High-speed Advanced Microprocessor Bus Architecture (AMBA) Advanced eXtensible Interfaces (AXI) for Level two (L2) master and slave interfaces. • Floating Point Coprocessor • Dynamic branch prediction with a global history buffer, and a 4-entry return stack • Low interrupt latency. • Nonmaskable interrupt. • A Harvard Level one (L1) memory system with: – Tightly Coupled Memory (TCM) interfaces with support for error correction or parity checking memories – ARMv7-R architecture Memory Protection Unit (MPU) with 12 regions • Dual core logic for fault detection in safety-critical applications. • An L2 memory interface: – Single 64-bit master AXI interface – 64-bit slave AXI interface to TCM RAM blocks • A debug interface to a CoreSight Debug Access Port (DAP). • Six Hardware Breakpoints • Two Watchpoints • A trace interface to a CoreSight ETM-R4. • A Performance Monitoring Unit (PMU). • A Vectored Interrupt Controller (VIC) port. For more information on the ARM Cortex-R4F CPU see www.arm.com. 6.5.2 ARM Cortex-R4F CPU Features Enabled by Software The following CPU features are disabled on reset and must be enabled by the application if required. • ECC On TCM Accesses • Hardware VIC Port • Floating Point Coprocessor • MPU 6.5.3 Dual Core Implementation The device has two Cortex-R4F cores, where the output signals of both CPUs are compared in the CCM- R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed by two clock cycles as shown in Figure 6-3. The CPUs have a diverse CPU placement given by following requirements: • different orientation; for example, CPU1 = "north" orientation, CPU2 = "flip west" orientation • dedicated guard ring for each CPU Copyright © 2012–2015, Texas Instruments Incorporated System Information and Electrical Specifications 55 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |