Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS570LS3134 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 8Page - Texas Instruments TMS570LS3134 Datasheet HTML 9Page - Texas Instruments TMS570LS3134 Datasheet HTML 10Page - Texas Instruments TMS570LS3134 Datasheet HTML 11Page - Texas Instruments TMS570LS3134 Datasheet HTML 12Page - Texas Instruments TMS570LS3134 Datasheet HTML 13Page - Texas Instruments TMS570LS3134 Datasheet HTML 14Page - Texas Instruments TMS570LS3134 Datasheet HTML 15Page - Texas Instruments TMS570LS3134 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
SPNS165B – APRIL 2012 – REVISED MAY 2015
www.ti.com
4.2
Terminal Functions
Section 4.2.1 and Section 4.2.2 identify the external signal names, the associated pin or ball numbers
along with the mechanical package designator, the pin or ball type (Input, Output, I/O, Power, or Ground),
whether the pin or ball has any internal pullup or pulldown, whether the pin or ball can be configured as a
GPIO, and a functional pin or ball description. The first signal name listed is the primary function for that
terminal. The signal name in bold is the function being described. For information on how to select
between different multiplexed functions, see the TMS570LS31x/21x 16/32-Bit RISC Flash Microcontroller
Technical Reference Manual (SPNU499) .
NOTE
In the Terminal Functions table below, the "Reset Pull State" is the state of the pull applied to
the terminal while nPORRST is low and immediately after nPORRST goes High. The default
pull direction may change when software configures the pin for an alternate function. The
"Pull Type" is the type of pull asserted when the signal name in bold is enabled for the given
terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and
immediately after nPORRST goes High. While nPORRST is low, the input buffers
are disabled, and the output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled
while nPORRST is low, and are configured as outputs with the pulls disabled
immediately after nPORRST goes High.
4.2.1
PGE Package
4.2.1.1
Multibuffered Analog-to-Digital Converters (MibADCs)
Table 4-1. PGE Multibuffered Analog-to-Digital Converters (MibADC1, MibADC2)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
ADREFHI(1)
66
Input
ADC high reference supply
ADREFLO(1)
67
Input
ADC low reference supply
N/A
None
VCCAD(1)
69
Power
Operating supply for ADC
VSSAD(1)
68
Ground
AD1EVT
86
I/O
Pulldown
Programmable, 20 µA ADC1 event trigger input, or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/N2HET2_PIN_nDIS
55
I/O
Pullup
Programmable, 20 µA ADC2 event trigger input, or GPIO
AD1IN[0]
60
AD1IN[1]
71
AD1IN[2]
73
AD1IN[3]
74
Input
N/A
None
ADC1 analog input
AD1IN[4]
76
AD1IN[5]
78
AD1IN[6]
80
AD1IN[7]
61
(1)
The ADREFHI, ADREFLO, VCCAD, and VSSAD connections are common for both ADC cores.
12
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com