Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFRXD0920 Datasheet(PDF) 4 Page - Microchip Technology

Part # RFRXD0920
Description  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 Datasheet(HTML) 4 Page - Microchip Technology

  RFRXD0920 Datasheet HTML 1Page - Microchip Technology RFRXD0920 Datasheet HTML 2Page - Microchip Technology RFRXD0920 Datasheet HTML 3Page - Microchip Technology RFRXD0920 Datasheet HTML 4Page - Microchip Technology RFRXD0920 Datasheet HTML 5Page - Microchip Technology RFRXD0920 Datasheet HTML 6Page - Microchip Technology RFRXD0920 Datasheet HTML 7Page - Microchip Technology RFRXD0920 Datasheet HTML 8Page - Microchip Technology RFRXD0920 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
rfRXD0420/0920
DS70090A-page 4
Preliminary
 2003 Microchip Technology Inc.
TABLE 1-1:
rfRXD0420/0920 PINOUT I/O DESCRIPTION
Pin Name
Pin Number
Pin Type
Buffer Type
Description
LNAGAIN
2
I
CMOS
LNA gain control (with hysteresis)
LNAOUT
3
O
Analog
LNA output (open collector)
1IFIN
4
I
Analog
1st IF stage input
1IF+
6
--
Analog
MIXER1 bias (open collector)
1IF-
7
--
Analog
MIXER1 bias (open collector)
1IFOUT
9
O
Analog
1st IF stage output
2IFIN
11
I
Analog
2nd IF stage input
FBC1
12
--
Analog
Limiter IF Amplifier external feedback capacitor
FBC2
13
--
Analog
Limiter IF Amplifier external feedback capacitor
2IFOUT
15
O
Analog
2nd IF stage output
DEMIN
16
I
Analog
Demodulator input
OPA
18
O
Analog
Operational amplifier output
OPA-
19
I
Analog
Operational amplifier input (negative)
OPA+
20
I
Analog
Operational amplifier input (positive)
RSSI
21
O
Analog
Received signal strength indicator output
DEMOUT+
23
O
Analog
Demodulator output (positive)
DEMOUT-
24
O
Analog
Demodulator output (negative)
XTAL
26
I
Analog
Crystal oscillator input
ENRX
28
I
CMOS
Receiver enable input
LF
29
I
Analog
External loop filter connection. Common node of
charge pump output and VCO tuning input.
LNAIN
31
I
Analog
LNA input
VDD
8, 14, 17, 27, 32
P
Positive supply
VSS
1, 5, 10, 25, 30
P
Ground reference
Legend: I = Input, O = Output, I/O = Input/Output, P = Power, CMOS = CMOS compatible input or output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com