Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFRXD0920 Datasheet(PDF) 6 Page - Microchip Technology

Part # RFRXD0920
Description  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RFRXD0920 Datasheet HTML 2Page - Microchip Technology RFRXD0920 Datasheet HTML 3Page - Microchip Technology RFRXD0920 Datasheet HTML 4Page - Microchip Technology RFRXD0920 Datasheet HTML 5Page - Microchip Technology RFRXD0920 Datasheet HTML 6Page - Microchip Technology RFRXD0920 Datasheet HTML 7Page - Microchip Technology RFRXD0920 Datasheet HTML 8Page - Microchip Technology RFRXD0920 Datasheet HTML 9Page - Microchip Technology RFRXD0920 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
rfRXD0420/0920
DS70090A-page 6
Preliminary
 2003 Microchip Technology Inc.
Approximate LNA noise figures are listed in Table 2-3.
LNAIN (Pin 31) has an input impedance of approxi-
mately 26
Ω || 2 pF single-ended.
LNAOUT (Pin 3) has an open-collector output and is
pulled up to VDD via a tuned circuit.
Important: To ensure LNA stability the VSS pin (Pin 1)
must be connected to a low impedance ground.
The LNA pins are illustrated in Figure 2-3.
FIGURE 2-3:
BLOCK DIAGRAM OF LNA
PINS
The gain of the LNA can be selected between High and
Low Gain modes by the LNAGAIN pin (Pin 2). LNAGAIN
is a CMOS input with hysteresis. Table 2-4 summarizes
the voltage levels and modes for LNA gain.
In the High Gain mode the LNA operates normally. In
Low Gain mode the gain of the LNA is reduced approx-
imately 25 dB, reduces total supply current, and
increases maximum input signal levels (see Electrical
Characteristics section for values).
2.4
MIXER1 and IF Preamp
MIXER1 performs down-conversion of the RF signal to
the Intermediate Frequency (IF) and is followed by an
IF preamplifier.
1IFIN (Pin 4) has an approximately 33
Ω single-ended
input impedance. The 1IFIN pin is illustrated in Figure 2-
4.
The 1IF+ (Pin 6) and 1IF- (Pin 7) are bias connections
to the MIXER1 balanced collectors. Both pins are
open-collector outputs and are individually pulled up to
VDD by a load resistor. The MIXER1 bias pins are illus-
trated in Figure 2-5.
1IFOUT (Pin 9) has an approximately 330
Ω single-
ended output impedance. The 330
Ω impedance
provides a direct match to low cost ceramic IF filters.
The 1IFOUT pins is illustrated in Figure 2-6.
FIGURE 2-4:
BLOCK DIAGRAM OF MIXER1
PIN
FIGURE 2-5:
BLOCK DIAGRAM OF MIXER1
BIAS PINS
FIGURE 2-6:
BLOCK DIAGRAM OF IF
PREAMP PIN
2.5
IF Limiting Amplifier with RSSI
The IF Limiting Amplifier amplifies and limits the IF
signal at the 2IFIN pin (Pin 11). It also generates the
Received Signal Strength Indicator (RSSI) signal
(Pin 21).
2.5.1
IF LIMITING AMPLIFIER
Magnitude control circuitry is used in the last stage of
the receiver to keep the signal constant for demodula-
tion. It can consist of a limiting or Automatic Gain
Control
(AGC)
amplifier.
A
limiting
amplifier
is
TABLE 2-3:
LNA NOISE FIGURES
Device
Noise Figure(1)
rfRXD0420
TBD
rfRXD0920
TBD
Note 1: Approximate value
TABLE 2-4:
LNA GAIN CONTROL
LNA
GAIN
Description
< 0.8 V
High Gain mode
> 1.4 V
Low Gain mode
LNA
LNA
31
3
IN
OUT
VSS
1
VSS
VSS
VSS
5 kΩ
VDD
0.8V
1.6V
VDD
1IF
4
IN
VSS
VSS
13 Ω
13 Ω
VDD
500 µA
1IF+
6
500 µA
1IF-
7
500 µA
VSS
VSS
VSS
VSS
20 pF
20 pF
VDD
VDD
1IF
9
OUT
230 µA
VSS
VSS
130 Ω
6.8 kΩ
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com