Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFRXD0920 Datasheet(PDF) 1 Page - Microchip Technology

Part # RFRXD0920
Description  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 Datasheet(HTML) 1 Page - Microchip Technology

  RFRXD0920 Datasheet HTML 1Page - Microchip Technology RFRXD0920 Datasheet HTML 2Page - Microchip Technology RFRXD0920 Datasheet HTML 3Page - Microchip Technology RFRXD0920 Datasheet HTML 4Page - Microchip Technology RFRXD0920 Datasheet HTML 5Page - Microchip Technology RFRXD0920 Datasheet HTML 6Page - Microchip Technology RFRXD0920 Datasheet HTML 7Page - Microchip Technology RFRXD0920 Datasheet HTML 8Page - Microchip Technology RFRXD0920 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS70090A-page 1
rfRXD0420/0920
Features:
• Low cost single conversion superheterodyne
receiver architecture
• Compatible with rfPIC™ and rfHCS series of RF
transmitters
• Easy interface to PICmicro® microcontroller
(MCU) and KEELOQ® decoders
• VCO phase locked to quartz crystal reference:
- Narrow receiver bandwidth
- Maximizes range and interference immunity
• Selectable LNA gain control for improved dynamic
range
• Selectable IF bandwidth via external ceramic IF
filter
• Received Signal Strength Indicator (RSSI) for
signal strength indication (FSK, FM) and ASK
demodulation
• FSK/FM quadrature (phase coincidence) detector
demodulator
• 32-Lead LQFP package
UHF ASK/FSK Receiver:
• Single frequency receiver set by crystal frequency
• Receive frequency range:
• Maximum data rate:
- ASK: 80 Kbps NRZ
- FSK: 40 Kbps NRZ
• IF frequency range: 455 kHz to 21.4 MHz
• RSSI range: 70 dB
• Frequency deviation range: ±5 kHz to ±120 kHz
• Maximum FM modulation frequency: 15 kHz
Pin Diagram:
Applications:
• Wireless remote command and control
• Wireless security systems
• Remote Keyless Entry (RKE)
• Low power telemetry
• Low power FM receiver
• Home automation
• Remote sensing
Bi-CMOS Technology:
• Wide operating voltage range
• Low current consumption in Active and Standby
modes
- rfRXD0420
- 8.2 mA (typical, LNA High Gain mode)
- <100 nA standby
- rfRXD0920
- 9.2 mA (typical, LNA High Gain mode)
- <100 nA standby
• Wide temperature range:
- Industrial: -40°C to +85°C
Device
Frequency Range
rfRXD0420
300 MHz to 450 MHz
rfRXD0920
800 MHz to 930 MHz
2
3
4
5
6
1
8
7
23
24
17
18
19
20
21
22
DEMOUT-
DEMOUT+
VSS
RSSI
OPA+
OPA-
OPA
VDD
VSS
LNAGAIN
LNAOUT
1IFIN
VSS
1IF+
1IF-
VDD
rfRXD0420
LQFP
rfRXD0920
UHF ASK/FSK/FM Receiver


Similar Part No. - RFRXD0920

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001PCK-410 RFMD-RFRX1001PCK-410 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001S2 RFMD-RFRX1001S2 Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001SB RFMD-RFRX1001SB Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1001SQ RFMD-RFRX1001SQ Datasheet
1Mb / 9P
GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
More results

Similar Description - RFRXD0920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
FSK/FM/ASK Receiver
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
FSK /FM/ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
FSK/FM/ASK Receiver
logo
ATMEL Corporation
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com