Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFRXD0920 Datasheet(PDF) 18 Page - Microchip Technology

Part # RFRXD0920
Description  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 Datasheet(HTML) 18 Page - Microchip Technology

Back Button RFRXD0920 Datasheet HTML 14Page - Microchip Technology RFRXD0920 Datasheet HTML 15Page - Microchip Technology RFRXD0920 Datasheet HTML 16Page - Microchip Technology RFRXD0920 Datasheet HTML 17Page - Microchip Technology RFRXD0920 Datasheet HTML 18Page - Microchip Technology RFRXD0920 Datasheet HTML 19Page - Microchip Technology RFRXD0920 Datasheet HTML 20Page - Microchip Technology RFRXD0920 Datasheet HTML 21Page - Microchip Technology RFRXD0920 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
rfRXD0420/0920
DS70090A-page 18
Preliminary
 2003 Microchip Technology Inc.
3.3
Frequency Shift Keying (FSK)
Figure 3-13 illustrates an example FSK application
circuit.
3.3.1
IF FILTER CONSIDERATIONS
As mentioned in the Section 3.1 above, IF filter band-
width selection is a function of:
• modulation (ASK, FSK or FM)
• signal bandwidth
• frequency and temperature tolerances of the
transmitter and receiver components
The occupied bandwidth of binary FSK signals is 2
times the peak frequency deviation plus 2 times the
signal bandwidth. For example, if the data rate is 2400
bits per second Manchester encoded, the signal band-
width is 4800 baud or 1200 Hz, and if the peak
frequency deviation is 24 kHz, the minimum bandwidth
of the IF filter is:
Add to this value the frequency and temperature
tolerances of the transmitter and receiver components.
FSK signals are more sensitive to group delay varia-
tions of the IF filter. Therefore, a filter with a low group
delay variation should be used. As an alternative, a
filter with wider than required bandwidth can be used
because the group delay variation in the center of the
bandpass will be relatively constant.
3.3.2
FSK DETECTOR
The demodulator (DEMOD) section consists of a phase
detector (MIXER2) and amplifier creating a quadrature
detector (also known as a phase coincidence detector)
to demodulate the IF signal in FSK and FM modulation
applications. The in-phase signal comes directly from
the output of the IF limiting amplifier to MIXER2. The
quadrature signal is created by an external tuned circuit
from the output of the IF limiting amplifier (2IFOUT, Pin
15) AC-coupled to the MIXER2 DEMIN (Pin 16) input.
3.3.2.1
LC Discriminator
The external tuned circuit can be constructed from
simple inductor-capacitor (LC) components. This type
circuit produces and excellent output. However, one of
the elements (L or C) must be tunable. Figure 3-14
illustrates an example LC discriminator circuit using a
tunable capacitor. A similar circuit with a tunable induc-
tor is also possible. Resistor R1 = 4.7 k
Ω reduces the
Q of the circuit so that frequency deviations of up to 75
kHz can be demodulated.
FIGURE 3-14: LC DISCRIMINATOR
EXAMPLE CIRCUIT
3.3.2.2
Ceramic Discriminator
A no-tune solution can be constructed with a ceramic
discriminator. Figure 3-15 illustrates an example
ceramic discriminator circuit.
The ceramic discriminator acts as a parallel tuned
circuit at the IF frequency (for example, 10.7 MHz). The
parallel capacitor C3 tunes the ceramic resonator. The
high Q of this circuit enables higher output of the detec-
tor for small frequency deviations. However, smaller
frequency
deviations
require
better
frequency
tolerances at the transmitter and receiver.
In order to detect wider deviation or off-frequency
signals, the detector bandwidth has to be increased.
This can be accomplished by reducing the Q of the
tuned circuit. One method is to parallel a resistor
across the ceramic discriminator. A second is to
increase the value of the coupling capacitor C1
increasing the load on the detector. The result of
reducing the Q of the discriminator will be that the
detector output will be smaller.
FIGURE 3-15: CERAMIC DISCRIMINATOR
EXAMPLE CIRCUIT
IF BWmin = (2 x 2400) + (2 x 24000)
IF BWmin = 52800 Hz
16
15
C2
680 pF
C1
1.0 pF
0-56 pF
C3
3.3 µH
L1
R1
4.7 kΩ
16
15
C2
680 pF
C1
1.0 pF
C3
10-12 pF
F1
CERAMIC DISCRIMINATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com