Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFRXD0920 Datasheet(PDF) 8 Page - Microchip Technology

Part # RFRXD0920
Description  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RFRXD0920 Datasheet HTML 4Page - Microchip Technology RFRXD0920 Datasheet HTML 5Page - Microchip Technology RFRXD0920 Datasheet HTML 6Page - Microchip Technology RFRXD0920 Datasheet HTML 7Page - Microchip Technology RFRXD0920 Datasheet HTML 8Page - Microchip Technology RFRXD0920 Datasheet HTML 9Page - Microchip Technology RFRXD0920 Datasheet HTML 10Page - Microchip Technology RFRXD0920 Datasheet HTML 11Page - Microchip Technology RFRXD0920 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
rfRXD0420/0920
DS70090A-page 8
Preliminary
 2003 Microchip Technology Inc.
FIGURE 2-11: BLOCK DIAGRAM OF
DEMODULATOR OUTPTUT
PINS
2.7
Operational Amplifier
The internal operational amplifier (OPA) can be
configured as a comparator for ASK or FSK or as a filter
for FM modulation applications.
The Op Amp pins are illustrated in Figures 2-12 and
2-13.
FIGURE 2-12: BLOCK DIAGRAM OF OP AMP
INPUT PINS
FIGURE 2-13: BLOCK DIAGRAM OF OP AMP
OUTPUT PIN
DEM
23
OUT+
DEM
24
OUT-
VSS
VSS
VSS
VSS
VSS
VSS
50 Ω
50 Ω
VDD
20 µA
20 µA
VDD
20 µA
20 µA
OPA-
19
OPA+
20
20 µA
VSS
VSS
50 Ω
50 Ω
VDD
VDD
VDD
OPA
18
VSS
VSS
50 Ω
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com