Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFRXD0920 Datasheet(PDF) 7 Page - Microchip Technology

Part # RFRXD0920
Description  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RFRXD0920 Datasheet HTML 3Page - Microchip Technology RFRXD0920 Datasheet HTML 4Page - Microchip Technology RFRXD0920 Datasheet HTML 5Page - Microchip Technology RFRXD0920 Datasheet HTML 6Page - Microchip Technology RFRXD0920 Datasheet HTML 7Page - Microchip Technology RFRXD0920 Datasheet HTML 8Page - Microchip Technology RFRXD0920 Datasheet HTML 9Page - Microchip Technology RFRXD0920 Datasheet HTML 10Page - Microchip Technology RFRXD0920 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS70090A-page 7
rfRXD0420/0920
employed in this design because it can handle a larger
dynamic range while consuming less power with simple
circuitry than AGC circuitry.
The internal resistance of the 2IFIN pin is approximately
2.2 k
Ω. In order to terminate ceramic IF filters whose
output impedance is 330
Ω, a 390 Ω resistor can be
paralleled to the 2IFIN and FBC2 pins.
FBC1 (Pin 12) and FBC2 (Pin 13) are connected to
external feedback capacitors.
The IF Limiting Amplifier pins are illustrated in
Figures 2-7 and 2-8.
FIGURE 2-7:
BLOCK DIAGRAM OF IF
LIMITING AMPLIFIER INPUT
PINS
FIGURE 2-8:
BLOCK DIAGRAM OF IF
LIMITING AMPLIFIER OUTPUT
PIN
2.5.2
RECEIVED SIGNAL STRENGTH
INDICATOR (RSSI)
The RSSI signal is proportional to the log of the signal
at 2IFIN. The 2IFIN input RSSI range is approximately
40
µV to 160 mV. The slope of the RSSI output is
approximately 26 mV/dB of RF signal.
The RSSI output has an internal 36 k
Ω resister to Vss
fed by a current source. This resistor converts the
RSSI current to voltage.
For Amplitude Shift Keying (ASK) demodulation, RSSI
is compared to a reference voltage (static or dynamic).
Post detector filtering is easily implemented by
connecting a capacitor to ground from the RSSI pin
effectively creating an RC filter with the internal 36 k
Ω
resistor.
For FSK and FM demodulation, the RSSI represents
the received signal strength of the incoming RF signal.
The RSSI pin is illustrated in Figure 2-9.
FIGURE 2-9:
BLOCK DIAGRAM OF RSSI
PIN
2.6
Demodulator
The demodulator (DEMOD) section consists of a phase
detector (MIXER2) and amplifier creating a quadrature
detector (also known as a phase coincidence detector)
to demodulate the IF signal in FSK and FM modulation
applications. The quadrature detector provides all the
IF functions required for FSK and FM demodulation
with only a few external parts.
The in-phase signal comes directly from the output of
the IF limiting amplifier to MIXER2. The quadrature
signal is created by an external tuned circuit from the
output of the IF limiting amplifier (2IFOUT, Pin 15) AC-
coupled to the MIXER2 DEMIN (Pin 16) input. The input
impedance of the DEMIN pin is approximately 47 k
Ω.
The external tuned circuit can be constructed from sim-
ple inductor-capacitor (LC) components but will require
one of the elements to be tunable. A no-tune solution
can be constructed with a ceramic discriminator.
The output voltage of the DEMOD amplifier (DEMout+
and DEMout-, Pins 23 and 24) depends on the peak
deviation of the FSK or FM signal and the Q of the
external tuned circuit. DEMout+ and DEMout- are high
impedance outputs with only a 20
µA current capability.
The Demodulator pins are illustrated in Figures 2-10
and 2-11.
FIGURE 2-10: BLOCK DIAGRAM OF
DEMODULATOR INPUT PIN
2IF
11
IN
200 µA
FBC2
13
FBC1
12
VSS
Vss
VSS
VSS
2.2 kΩ
2.2 kΩ
VDD
VDD
VDD
2IF
15
OUT
40 µA
VSS
VSS
VDD
VDD
RSSI
21
I (Pi)
VSS
VSS
50 Ω
36 kΩ
VDD
DEM
16
IN
VSS
47 kΩ
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com