Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0237CSSC12SPRA0-DR Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0237CSSC12SPRA0-DR
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRA0-DR Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0237CSSC12SPRA0-DR Datasheet HTML 12Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 13Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 14Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 15Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 16Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 17Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 18Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 19Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
16
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
While the sensor's format is 1928 x1088, additional active columns and active rows are
included for use when horizontal or vertical mirrored readout is enabled, to allow
readout to start on the same pixel. The pixel adjustment is always performed for mono-
chrome or color versions. The active area is surrounded with optically transparent
dummy pixels to improve image uniformity within the active area. Not all dummy pixels
or barrier pixels can be read out.
Figure 7:
Pixel Array Description
10 barrier + 4 border pixels
Light dummy
pixel
Active pixel
10 barrier + 4 border pixels
1944
2 barrier + 6 border pixels
2 barrier + 6 border pixels
1116
19281 x 1088
5.78 mm x 3.26 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com