Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0237CSSC12SPRA0-DR Datasheet(PDF) 29 Page - ON Semiconductor

Part # AR0237CSSC12SPRA0-DR
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRA0-DR Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AR0237CSSC12SPRA0-DR Datasheet HTML 25Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 26Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 27Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 28Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 29Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 30Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 31Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 32Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
29
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
DC Electrical Characteristics
The DC electrical characteristics are shown in the tables below.
Caution
Stresses greater than those listed in Table 10 may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at these or any other con-
ditions above those indicated in the operational sections of this specification is not implied.
Note:
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 9:
DC Electrical Characteristics
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core digital voltage
1.7
1.8
1.95
V
VDD_IO
I/O digital voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
VDD_PLL
PLL supply voltage
2.5
2.8
3.1
V
VDD_SLVS
HiSPi supply voltage
0.3
0.4
0.6
V
VIH
Input HIGH voltage
VDD_IO*0.7
–
–
V
VIL
Input LOW voltage
–
–
VDD_IO*0.3
V
IIN
Input leakage current
No pull-up resistor; VIN = VDD_IO or
DGND
20
–
–
A
VOH
Output HIGH voltage
VDD_IO-0.3
–
–
V
VOL
Output LOW voltage
–
–
0.4
V
IOH
Output HIGH current
At specified VOH
-22
–
–
mA
IOL
Output LOW current
At specified VOL
––
22
mA
Table 10:
Absolute Maximum Ratings
Symbol
Definition
Condition
Min
Max
Unit
VDD_MAX
Core digital voltage
–0.3
2.4
V
VDD_IO_MAX
I/O digital voltage
–0.3
4
V
VAA_MAX
Analog voltage
–0.3
4
V
VAA_PIX
Pixel supply voltage
–0.3
4
V
VDD_PLL
PLL supply voltage
–0.3
4
V
VDD_SLVS_MAX
HiSPi I/O digital voltage
–0.3
2.4
V
tST
Storage temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com