Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0237CSSC12SPRA0-DR Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0237CSSC12SPRA0-DR
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRA0-DR Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0237CSSC12SPRA0-DR Datasheet HTML 28Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 29Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 30Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 31Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 32Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 33Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 34Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 35Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
32
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL =2.8 V
- VDD = VDD_IO= 1.8 V
- VDD_SLVS= 0.4V
- PLL Enabled and PIXCLK = 74.25 MHz
- 4-lane HiSPi mode
- TA= 25°C Dark Image, 8x Analog Gain, HCG, 20ms integration time
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL = 2.8 V
- VDD= VDD_IO = 1.8 V
- VDD_SLVS = 1.8 V
- PLL Enabled and PIXCLK = 74.25 MHz
- 4-lane HiSPi mode
- TA = 25°C Dark Image, 8x Analog Gain, HCG, 20ms integration time
HiSPi Electrical Specifications
The ON Semiconductor AR0237 sensor supports both SLVS and HiVCM HiSPi modes.
Refer to the High-Speed Serial Pixel (HiSPi) Interface Physical Layer Specification
v2.00.00 for electrical definitions, specifications, and timing information. The VDD_SLVS
supply in this datasheet corresponds to VDD_TX in the HiSPi Physical Layer Specifica-
tion. Similarly, VDD is equivalent to VDD_HiSPi as referenced in the specification. The
DLL as implemented on AR0237 is limited in the number of available delay steps and
differs from the HiSPi specification as described in this section.
Table 15:
1080p30 74 MHz Line Interleaved SLVS
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
50
88
130
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
36
60
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
4
8
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
7
8.5
9.5
mA
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
0.4
6
9.5
14
mA
Power
170.8
298
442.6
mW
Table 16:
1080p30 74 MHz Line Interleaved HiVcm
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
50
88
130
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
36
60
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
4
8
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
7
8.5
9.5
mA
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
12
20
35
mA
Power
190
330.2
500
mW
Table 17:
Channel Skew
Measurement Conditions: VDD_HiSPi = 1.8V;VDD_HiSPi_TX = 0.4V; Data Rate =480 Mbps; DLL set to 0
Data Lane Skew in Reference to Clock
tCHSKEW1PHY
-150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com