Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0237CSSC12SPRA0-DR Datasheet(PDF) 28 Page - ON Semiconductor

Part # AR0237CSSC12SPRA0-DR
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRA0-DR Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AR0237CSSC12SPRA0-DR Datasheet HTML 24Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 25Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 26Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 27Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 28Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 29Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 30Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 31Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
28
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
Note:
I/O timing characteristics are measured under the following conditions:
- Temperature is 25°C ambient
- 10 pF load
- 1.8V I/O supply voltage
Table 8:
I/O Timing Characteristics
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK1s
Input clock frequency
6
–
48
MHz
tEXTCLK1
Input clock period
20.8
–
166
ns
tR
Input clock rise time
–
3
–
ns
tF
Input clock fall time
–
3
–
ns
tRP
Pixclk rise time
2
3.5
5
ns
tFP
Pixclk fall time
2
3.5
5
ns
Clock duty cycle
45
50
55
%
tCP
EXTCLK to PIXCLK propagation delay
Nominal voltages,
PLL Disabled
10
14
18
ns
fPIXCLK
PIXCLK frequency
Default,
Nominal Voltages
6–
74.25
MHz
tPD
PIXCLK to data valid
Default,
Nominal Voltages
–3
–
ns
tPFH
PIXCLK to FV HIGH
Default,
Nominal Voltages
–3
–
ns
tPLH
PIXCLK to LV HIGH
Default,
Nominal Voltages
–3
–
ns
tPFL
PIXCLK to FV LOW
Default,
Nominal Voltages
–3
–
ns
tPLL
PIXCLK to LV LOW
Default,
Nominal Voltages
–3
–
ns
CLOAD
Output load capacitance
–
<10
–
pF
CIN
Input pin capacitance
–
2.5
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com