Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0237CSSC12SPRA0-DR Datasheet(PDF) 30 Page - ON Semiconductor

Part # AR0237CSSC12SPRA0-DR
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRA0-DR Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AR0237CSSC12SPRA0-DR Datasheet HTML 26Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 27Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 28Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 29Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 30Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 31Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 32Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 33Page - ON Semiconductor AR0237CSSC12SPRA0-DR Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
30
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL = VDD_IO =2.8 V
- VDD= 1.8 V
- PLL Enabled and PIXCLK = 74.25 MHz
- Low power mode enabled
- TA = 25°C
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL =2.8 V
- VDD = VDD_IO= 1.8 V
- PLL Enabled and PIXCLK = 74.25 MHz
- Low power mode enabled
- TA = 25°C Dark Image, 8x Analog Gain, HCG, 20ms integration time
Table 11:
1080p30 Linear 74 MHz Parallel 2.8V
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital operating current
Streaming 1080p30
IDD
1.8
20
34
50
mA
I/O digital operating current
Streaming 1080p30
IDD_IO
2.8
15
28
50
mA
Analog operating current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel supply current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL supply current
Streaming 1080p30
IDD_PLL
2.8
5.5
6.4
7
mA
Power
138.2
238.72
409.2
mW
Table 12:
1080p30 Linear 74 MHz Parallel 1.8V
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital operating current
Streaming 1080p30
IDD
1.8
20
34
50
mA
I/O digital operating current
Streaming 1080p30
IDD_IO
1.8
10
14
30
mA
Analog operating current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel supply current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL supply current
Streaming 1080p30
IDD_PLL
2.8
5.5
6.4
7
mA
Power
114.2
185.52
323.2
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com