Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1184 Datasheet(PDF) 22 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 22 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 18Page - Microchip Technology EMC1184 Datasheet HTML 19Page - Microchip Technology EMC1184 Datasheet HTML 20Page - Microchip Technology EMC1184 Datasheet HTML 21Page - Microchip Technology EMC1184 Datasheet HTML 22Page - Microchip Technology EMC1184 Datasheet HTML 23Page - Microchip Technology EMC1184 Datasheet HTML 24Page - Microchip Technology EMC1184 Datasheet HTML 25Page - Microchip Technology EMC1184 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
22
SMSC EMC1184
DATASHEET
of temperature, this correction is only accurate within a small range of temperatures. To provide
maximum flexibility to the user, the EMC1184 provides a 6-bit register for each external diode where
the ideality factor of the diode used is programmed to eliminate errors across all temperatures.
APPLICATION NOTE: When monitoring a substrate transistor or CPU diode and beta compensation is enabled, the
Ideality Factor should not be adjusted. Beta Compensation automatically corrects for most
ideality errors.
5.7
Diode Faults
The EMC1184 detects an open on the DP and DN pins, and a short across the DP and DN pins. For
each temperature measurement made, the device checks for a diode fault on the external diode
channel(s). When a diode fault is detected, the ALERT / THERM2 pin asserts (unless masked, see
Section 5.8) and the temperature data reads 00h in the MSB and LSB registers (note: the low limit will
not be checked). A diode fault is defined as one of the following: an open between DP and DN, a short
from VDD to DP, or a short from VDD to DN.
If a short occurs across DP and DN or a short occurs from DP to GND, the low limit status bit is set
and the ALERT / THERM2 pin asserts (unless masked). This condition is indistinguishable from a
temperature measurement of 0.000°C (-64°C in extended range) resulting in temperature data of 00h
in the MSB and LSB registers.
If a short from DN to GND occurs (with a diode connected), temperature measurements will continue
as normal with no alerts.
5.8
Consecutive Alerts
The EMC1184 contains multiple consecutive alert counters. One set of counters applies to the ALERT
/ THERM2 pin and the second set of counters applies to the THERM pin. Each temperature
measurement channel has a separate consecutive alert counter for each of the ALERT / THERM2 and
THERM pins. All counters are user programmable and determine the number of consecutive
measurements that a temperature channel(s) must be out-of-limit or reporting a diode fault before the
corresponding pin is asserted.
See Section 6.12, "Consecutive ALERT Register 22h" for more details on the consecutive alert
function.
5.9
Digital Filter
To reduce the effect of noise and temperature spikes on the reported temperature, the External Diode
1 channel uses a programmable digital filter. This filter can be configured as Level 1, Level 2, or
Disabled (default) (see Section 6.18). The typical filter performance is shown in Figure 5.4 and
Figure 5.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com