Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1184 Datasheet(PDF) 42 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 42 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 38Page - Microchip Technology EMC1184 Datasheet HTML 39Page - Microchip Technology EMC1184 Datasheet HTML 40Page - Microchip Technology EMC1184 Datasheet HTML 41Page - Microchip Technology EMC1184 Datasheet HTML 42Page - Microchip Technology EMC1184 Datasheet HTML 43Page - Microchip Technology EMC1184 Datasheet HTML 44Page - Microchip Technology EMC1184 Datasheet HTML 45Page - Microchip Technology EMC1184 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
42
SMSC EMC1184
DATASHEET
6.19
Product ID Register
The Product ID Register holds a unique value that identifies the device.
6.20
SMSC ID Register
The Manufacturer ID register contains an 8-bit word that identifies the SMSC as the manufacturer of
the EMC1184.
6.21
Revision Register
The Revision register contains an 8-bit word that identifies the die revision.
Table 6.24 FILTER Decode
FILTER[1:0]
AVERAGING
10
0
0
Disabled (default)
0
1
Level 1
1
0
Level 1
1
1
Level 2
Table 6.25 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
(EMC1184)
00
10
01
01
25h
Table 6.26 Manufacturer ID Register
ADDR.
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
FEh
R
SMSC ID
01011101
5Dh
Table 6.27 Revision Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
0
00001
1
1
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com