Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1184 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 29Page - Microchip Technology EMC1184 Datasheet HTML 30Page - Microchip Technology EMC1184 Datasheet HTML 31Page - Microchip Technology EMC1184 Datasheet HTML 32Page - Microchip Technology EMC1184 Datasheet HTML 33Page - Microchip Technology EMC1184 Datasheet HTML 34Page - Microchip Technology EMC1184 Datasheet HTML 35Page - Microchip Technology EMC1184 Datasheet HTML 36Page - Microchip Technology EMC1184 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1184
33
Revision 1.0 (07-11-13)
DATASHEET
When the device is in Standby mode, updating the limit registers will have no effect until the next
conversion cycle occurs. This can be initiated via a write to the One Shot Register (see Section 6.8,
"One Shot Register 0Fh") or by clearing the RUN / STOP bit (see Section 6.4, "Configuration Register
03h / 09h").
6.7
Scratchpad Registers 11h and 12h
The Scratchpad Registers are Read / Write registers that are used for place holders to be software
compatible with legacy programs. Reading from the registers will return what is written to them.
6.8
One Shot Register 0Fh
The One Shot Register is used to initiate a one shot command. Writing to the one shot register when
the device is in Standby mode and BUSY bit (in Status Register) is ‘0’, will immediately cause the ADC
to update all temperature measurements. Writing to the One Shot Register while the device is in Active
mode will have no effect.
6.9
Therm Limit Registers
Table 6.8 Scratchpad Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
11h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
12h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
Table 6.9 One Shot Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
W
One Shot
Writing to this register initiates a single conversion cycle. Data
is not stored and always reads 00h
00h
Table 6.10 Therm Limit Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
19h
R/W
External
Diode 1
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
1Ah
R/W
External
Diode 2
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
20h
R/W
Internal Diode
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com