Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1184 Datasheet(PDF) 18 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 14Page - Microchip Technology EMC1184 Datasheet HTML 15Page - Microchip Technology EMC1184 Datasheet HTML 16Page - Microchip Technology EMC1184 Datasheet HTML 17Page - Microchip Technology EMC1184 Datasheet HTML 18Page - Microchip Technology EMC1184 Datasheet HTML 19Page - Microchip Technology EMC1184 Datasheet HTML 20Page - Microchip Technology EMC1184 Datasheet HTML 21Page - Microchip Technology EMC1184 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
18
SMSC EMC1184
DATASHEET
Chapter 5 Product Description
The EMC1184 is an SMBus temperature sensor. The EMC1184 monitors one internal diode and up to
three externally connected temperature diodes.
Thermal management is performed in cooperation with a host device. This consists of the host reading
the temperature data of both the external and internal temperature diodes of the EMC1184 and using
that data to control the speed of one or more fans.
The EMC1184 has two levels of monitoring. The first provides a maskable ALERT / THERM2 signal
to the host when the measured temperatures exceeds user programmable limits. This allows the
EMC1184 to be used as an independent thermal watchdog to warn the host of temperature hot spots
without direct control by the host. The second level of monitoring provides a non-maskable interrupt
on the THERM pin if the measured temperatures meet or exceed a second programmable limit.
For the EMC1184, External Diode channels 2 and 3 are only compatible with general purpose diodes
(such as a 2N3904).
Figure 5.1 shows a system level block diagram of the EMC1184.
5.1
Modes of Operation
The EMC1184 has two modes of operation.
Active (Run) - In this mode of operation, the ADC is converting on all temperature channels at the
programmed conversion rate. The temperature data is updated at the end of every conversion and
the limits are checked. In Active mode, writing to the one-shot register will do nothing.
Standby (Stop) - In this mode of operation, the majority of circuitry is powered down to reduce
supply current. The temperature data is not updated and the limits are not checked. In this mode
of operation, the SMBus is fully active and the part will return requested data. Writing to the one-
shot register will enable the device to update all temperature channels. Once all the channels are
updated, the device will return to the Standby mode.
Figure 5.1 System Diagram for EMC1184
CPU / GPU
EMC1184
Host
DP1
DN1
SMDATA
Thermal
Junction
SMCLK
SMBus
Interface
THERM / ADDR
ALERT / THERM2
Power
Control
VDD
GND
VDD = 3.3V
1.8V – 3.3V
DN2 / DP3
DP2 / DN3
Optional
Anti-parallel
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com