Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1184 Datasheet(PDF) 40 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 40 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 36Page - Microchip Technology EMC1184 Datasheet HTML 37Page - Microchip Technology EMC1184 Datasheet HTML 38Page - Microchip Technology EMC1184 Datasheet HTML 39Page - Microchip Technology EMC1184 Datasheet HTML 40Page - Microchip Technology EMC1184 Datasheet HTML 41Page - Microchip Technology EMC1184 Datasheet HTML 42Page - Microchip Technology EMC1184 Datasheet HTML 43Page - Microchip Technology EMC1184 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
40
SMSC EMC1184
DATASHEET
6.15
High Limit Status Register 35h
The High Limit Status Register contains the status bits that are set when a temperature channel high
limit is exceeded. If any of these bits are set, the HIGH status bit in the Status Register is set. Reading
from the High Limit Status Register will clear all bits if. Reading from the register will also clear the
HIGH status bit in the Status Register.
The ALERT / THERM2 pin will be set if the programmed number of consecutive alert counts have
been met and any of these status bits are set.
The status bits will remain set until read unless the ALERT / THERM2 pin is configured as a
comparator output (see Section 5.5.2).
Bit 3 - E3HIGH - This bit is set when the External Diode 3 channel exceeds its programmed high limit.
Bit 2 - E2HIGH - This bit is set when the External Diode 2 channel exceeds its programmed high limit.
Bit 1 - E1HIGH - This bit is set when the External Diode 1 channel exceeds its programmed high limit.
Bit 0 - IHIGH - This bit is set when the Internal Diode channel exceeds its programmed high limit.
6.16
Low Limit Status Register 36h
The Low Limit Status Register contains the status bits that are set when a temperature channel drops
below the low limit. If any of these bits are set, then the LOW status bit in the Status Register is set.
Reading from the Low Limit Status Register will clear all bits. Reading from the register will also clear
the LOW status bit in the Status Register.
The ALERT / THERM2 pin will be set if the programmed number of consecutive alert counts have
been met and any of these status bits are set.
The status bits will remain set until read unless the ALERT / THERM2 pin is configured as a
comparator output (see Section 5.5.2).
Bit 3 - This bit is set when the External Diode 3 channel drops below its programmed low limit.
Bit 2 - E2LOW - This bit is set when the External Diode 2 channel drops below its programmed low
limit.
Bit 1 - E1LOW - This bit is set when the External Diode 1 channel drops below its programmed low
limit.
Bit 0 - ILOW - This bit is set when the Internal Diode channel drops below its programmed low limit.
Table 6.20 High Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
35h
R-C
High Limit
Status
-
-
-
-
E3HIGH
E2HIGH
EHIGH
IHIGH
00h
Table 6.21 Low Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
36h
R-C
Low Limit
Status
-
-
-
-
E3LOW
E2LOW
ELOW
ILOW
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com