Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S9T1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 59Page - STMicroelectronics ST72774S9T1 Datasheet HTML 60Page - STMicroelectronics ST72774S9T1 Datasheet HTML 61Page - STMicroelectronics ST72774S9T1 Datasheet HTML 62Page - STMicroelectronics ST72774S9T1 Datasheet HTML 63Page - STMicroelectronics ST72774S9T1 Datasheet HTML 64Page - STMicroelectronics ST72774S9T1 Datasheet HTML 65Page - STMicroelectronics ST72774S9T1 Datasheet HTML 66Page - STMicroelectronics ST72774S9T1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
ST72774/ST727754/ST72734
63/144
SYNC PROCESSOR (SYNC) (Cont’d)
4.4.6.5 Example of VSYNCO extraction for a
negative composite sync with serration pulses
Refer to Figure 43.
In extraction mode, the 5-bit comparator checks
the counter value with respect to the threshold.
When the incoming signal is high, the counter is
increased, otherwise it is decreased.
When the counter reaches the threshold on its way
down, VSYNCO is asserted. During the vertical
blanking, the counter value is decreased down to a
programmable minimum, i.e. it does not underflow.
When the vertical period is finished, the counter
starts counting up and when the maximum is
reached, VSYNCO is negated. The extracted
signal may be validated by software since it is input
to Timer ICAP1.
Serration pulses during vertical blanking can be
filtered if the serration pulse widths are less than
8µs.
In the same way, positive composite sync signals
can be used by properly selecting the edge
sensitivity in HSYNCI width measurement mode
(LCV0 bit).
Figure 43. VSYNCO Extraction from a Composite Signal (negative polarity)
Figure 44. Obtaining the 11-bit Vertical Period (V11BITS)
VR01990
8µs
Composite signal
Input
Max Pulse width: 8µs
1F-Threshold
Counter value:
1F=Max
Serration pulses
VSYNCO Pulse
Max Delay: 8µs
or threshold
HSYNCO
Threshold
0=Min
VSYNCO
generated
7
7
0
0
0
10
VGENR
CFGR
V11BITS
Example:
VGENR=CCh, CFGR = 3h
V11bits=663h
Q’2 Q’1 Q’0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com