Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S9T1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 61Page - STMicroelectronics ST72774S9T1 Datasheet HTML 62Page - STMicroelectronics ST72774S9T1 Datasheet HTML 63Page - STMicroelectronics ST72774S9T1 Datasheet HTML 64Page - STMicroelectronics ST72774S9T1 Datasheet HTML 65Page - STMicroelectronics ST72774S9T1 Datasheet HTML 66Page - STMicroelectronics ST72774S9T1 Datasheet HTML 67Page - STMicroelectronics ST72774S9T1 Datasheet HTML 68Page - STMicroelectronics ST72774S9T1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
ST72774/ST727754/ST72734
65/144
SYNC PROCESSOR (SYNC) (Cont’d)
4.4.8 Analyzer Mode
The
analyzer
block
is
used
for
all
extra
measurements on the sync signals to manage the
monitor functions:
– Measure the number of scan lines per frame
(VSYNCO or VFBACK) to simplify the OSD ver-
tical centering.
– Measure the low level of HSYNCO or HFBACK.
This function can be used for VSYNCO pulse
extension or for a fast estimation of the incoming
Hsync signal period.
– Detection of the pre/post equalization pulses.
Notes:
1. Analyzer mode should be performed before
corrector mode.
2. When analyzer mode is active, the free-running
frequencies generator and corrector mode must
be disabled.
– HVGEN = 0 in ENR register
– 2FHINH 0 in CFGR register for Horizontal low
level measurement
– VEXT = 0, VCORDIS = 1 in CFGR, POLR reg-
isters for Vertical output measurement
3. If H/VBACK are selected (FBSEL=0) corrector
mode must be disabled
4. For all measurements, HSYNCO and VSYNCO
must be POSITIVE.
4.4.8.1 Horizontal Low Level Measurement
The measurement starts in setting HACQ by
software. When this bit is cleared by hardware, the
HGENR register returns the result.
The algorithm is shown in Figure 45.
HLow = ((255-HGENR+1)/4) µs
Note: HLow maximum value = 64µs (even if real value is
greater)
For maximum accuracy, it is possible to measure
the low level of HFBACK with the same technique
(FBSEL bit in the MCR register).
Figure 45. Horizontal Low Level Measurement
VR02118A
END
HGENR=Result
HACQ=0?
Measure HLow
Disable H correction Mode
2FHINH=0
Disable H internal generation
HVGEN=0
HSYNCO Positive polarity
Necessary if Signals
are H/VSYNCO
Select H/VBACK or H/VSYNCO
FBSEL=0 or 1
HACQ=1
Start measurement
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com