Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S9T1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 71Page - STMicroelectronics ST72774S9T1 Datasheet HTML 72Page - STMicroelectronics ST72774S9T1 Datasheet HTML 73Page - STMicroelectronics ST72774S9T1 Datasheet HTML 74Page - STMicroelectronics ST72774S9T1 Datasheet HTML 75Page - STMicroelectronics ST72774S9T1 Datasheet HTML 76Page - STMicroelectronics ST72774S9T1 Datasheet HTML 77Page - STMicroelectronics ST72774S9T1 Datasheet HTML 78Page - STMicroelectronics ST72774S9T1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
ST72774/ST727754/ST72734
75/144
4.5 TIMING MEASUREMENT UNIT (TMU)
4.5.1 Introduction
The timing measurement unit (TMU) allows the
analysis of the current video timing characteristics
in order to control display position and size.
It consists of measuring the timing between the
horizontal or vertical sync output signals and the
active video signal input (AV).
4.5.2 Main Features
s
Horizontal or vertical timing measurement
s
Oscillator clock fOSC (24 or 12 MHz) used for
horizontal measurement
s
Horizontal sync signal (HSYNCO or HFBACK)
and Vertical sync signal (VSYNCO or VFBACK)
used for all measurements
s
Measurements performed on positive signals
only
s
11-bit counter
s
Overflow detection
4.5.3 Functional Description
The Timing Measurement Unit is centered around
an 11-bit counter. Depending on the H_V bit of the
control register, the TMU measures the horizontal
or vertical video characteristics.
For horizontal analysis (refer to Figure 48):
– Obtain the minimum number of oscillator clock
cycles (H1) between the falling edge of the
horizontal sync signal (HSYNCO or HFBACK)
and the first rising edge of the active video in-
put (AV), for all lines, between 2 consecutive
vertical sync pulses.
– Obtain the minimum number of oscillator clock
cycles (H2) between the last falling edge of
the active video input (AV) and the rising edge
of the horizontal sync signal (HSYNCO or HF-
BACK) for all lines, between 2 consecutive
vertical sync pulses.
Note: Horizontal measurement is inhibited during the high
level of VSYNCO or VFLYBACK.
For vertical analysis (refer to Figure 49):
– Obtain the minimum number of horizontal
sync pulses (V1) between the falling edge of
the vertical sync signal (VSYNCO or VF-
BACK) and the first rising edge of the active
video input, during 2 consecutive frames.
Figure 47. TMU Block Diagram
ST7 INTERNAL BUS
TMUT1CR
TMUT2CR
TMUCSR
11 bit COUNTER
11
8
8
3
3
T1[7:0]
T2[7:0]
T2[9] T2[8]
T1[9]
T1[8]
START
H_V
CONTROL
Clock
Start
Stop
HSYNCO or HFBACK (1)
VSYNCO or VFBACK (1)
AV
fOSC
T2[10]
T1[10]
COMPARATOR
SUP
(FROM SYNC PROCESSOR)
Note 1: Selection between Sync outputs or Flyback inputs is made in MISCR register (bit 6: FLY_SYN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com