Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S9T1 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 96Page - STMicroelectronics ST72774S9T1 Datasheet HTML 97Page - STMicroelectronics ST72774S9T1 Datasheet HTML 98Page - STMicroelectronics ST72774S9T1 Datasheet HTML 99Page - STMicroelectronics ST72774S9T1 Datasheet HTML 100Page - STMicroelectronics ST72774S9T1 Datasheet HTML 101Page - STMicroelectronics ST72774S9T1 Datasheet HTML 102Page - STMicroelectronics ST72774S9T1 Datasheet HTML 103Page - STMicroelectronics ST72774S9T1 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 144 page
background image
ST72774/ST727754/ST72734
100/144
DDC INTERFACE (Cont’d)
The Write and Read operations allow the EDID
data to be downloaded during factory alignment
(for example).
Writes to the memory by the DMA engine can be
inhibited by means of the WP bit in the DCR
register.
A write of the last data structure byte sets a flag
and may be programmed to generate an interrupt
request.
The Data address (sub-address) is either the
second byte of write transfers or is pointed to by
the
internal
address
counter
automatically
incremented after each byte transfer.
Physical address mapping of the data structure
within the memory space is performed with a
dedicated register accessible by software.
4.8.5.1.2 Mode description
DDC1 Mode: This mode is only enabled when the
DDC v2 or P&D-DDC v2 standards are validated. It
transmits only the EDID v1 data (128 bytes).
To switch the DDC1/2B Interface to DDC1 mode,
software must first clear the CF0 bit in the DCR
register while the HWPE bit=0 and then set the
HWPE bit to enable the DDC1/2B Interface.
A proper initialization sequence (see Figure 59)
must supply nine clock pulses on the VSYNCI pin
in order to internally synchronize the device.
During this initialization sequence, the SDA pin is
in high impedance. On the rising edge of the 10th
pulse applied on VSYNCI, the device outputs on
SDA the most significant (MSB) bit of the byte
located at data address 00h.
A byte is clocked out by means of 9 clock pulses
on Vsync, 8 clock pulses for the data byte itself and
an extra pulse for a Don’t Care bit.
As long as SCL is not held low, each byte of the
memory array is transmitted serially on SDA.
The internal address counter is incremented
automatically until the last byte is transmitted.
Then, it rolls over to relative location 00h.
The physical mapping of the data structure
depends on the configuration and on the content of
the AHR register which can be set by software
(see Figure 60).
Figure 59. DDC1 Waveforms
Vsync
SDA
12
8
9
Bit 7
10
11
PE
SCL
Bit 6
ALR
00h
XX
Vsync
SDA
Bit 7
PE
SCL
Bit 6
ALR
00h
7Fh
Bit 7
Bit 6
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com