Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S9T1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 14Page - STMicroelectronics ST72774S9T1 Datasheet HTML 15Page - STMicroelectronics ST72774S9T1 Datasheet HTML 16Page - STMicroelectronics ST72774S9T1 Datasheet HTML 17Page - STMicroelectronics ST72774S9T1 Datasheet HTML 18Page - STMicroelectronics ST72774S9T1 Datasheet HTML 19Page - STMicroelectronics ST72774S9T1 Datasheet HTML 20Page - STMicroelectronics ST72774S9T1 Datasheet HTML 21Page - STMicroelectronics ST72774S9T1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
ST72774/ST727754/ST72734
18/144
3 CLOCKS, RESET, INTERRUPTS & LOW POWER MODES
3.1 CLOCK SYSTEM
3.1.1 General Description
The MCU accepts either a crystal or an external
clock signal to drive the internal oscillator. The
internal clock (CPU CLK running at fCPU) is
derived from the external oscillator frequency
(fOSC), which is divided by 3. Depending on the
external quartz or clock frequency, a division factor
of 2 is optionally added to generate the 12 MHz
clock for the Sync Processor (clamp function) as
shown in Figure 7 and a second divider by 2 for the
6MHz USB clock.
The CPU clock is used also as clock for the
ST727x4 peripherals.
Note: In the Sync processor, an additional divider
by two is added in fast mode (same external timing
for this peripheral).
Figure 7. Clock divider chain
%3
12 MHz
(Sync processor Clampout signal)
fCPU: 4 or 8 MHz
(CPU and peripherals)
OSC
12 MHz
%2
FAST
or
24MHz
FAST=1 for 24MHZ oscillator
FAST=0 for 12 MHz oscillator
%2
6 MHz
(USB)
12 MHz
or
24MHz
(TMU)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com