Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S9T1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72774S9T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S9T1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72774S9T1 Datasheet HTML 55Page - STMicroelectronics ST72774S9T1 Datasheet HTML 56Page - STMicroelectronics ST72774S9T1 Datasheet HTML 57Page - STMicroelectronics ST72774S9T1 Datasheet HTML 58Page - STMicroelectronics ST72774S9T1 Datasheet HTML 59Page - STMicroelectronics ST72774S9T1 Datasheet HTML 60Page - STMicroelectronics ST72774S9T1 Datasheet HTML 61Page - STMicroelectronics ST72774S9T1 Datasheet HTML 62Page - STMicroelectronics ST72774S9T1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 144 page
background image
ST72774/ST727754/ST72734
59/144
SYNC PROCESSOR (SYNC) (Cont’d)
ClampOut and Moire Signal
Clamp Output signal
The clamping pulse generator can control the
pulse width and polarity signal and can be
configured as pseudo-front porch or back porch.
To use the ClampOut signal:
– Select the Clamping Pulse width:
BP0/BP1 bits in MCR register
– Program the Clamp polarity:
CLPINV bit in POLR register
– Select the ClampOut signal as back-porch (after
falling edge of HSYNCO) or pseudo-front porch
(after the rising edge of HSYNCO):
HS0/HS1 bits in MCR register.
– Enable the CLAMPOUT signal:
CLMPEN bit in ENR register
Moire Signal
The Moire output signal is available (instead of the
clamping signal) to reduce the screen Moire effect
and improve color transitions.
The CLAMPOUT pin is alternatively used to output
a Moire signal.
The output signal toggles at each HFBACK rising
edge. After each VFBACK falling edge, the value
of the Moire output is the opposite of the previous
one, independent of the number of HFBACK
pulses during the VFBACK low level.
To use the Moire signal:
– Select the Moire signal:
Reset the BP0/BP1 bits in MCR register
– Enable the output signal:
CLMPEN bit in ENR register
Figure 40. Clamping Pulse (CLAMPOUT) Delay
HSYNCO
CLAMPOUT
Maximum delay:
Programmable clamping width: 0, 167ns, 333ns, 666ns
-
(Fixed delay of 10 to 30ns) + (fOSC/2) = approx. 110ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com