Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 98Page - STMicroelectronics STM8S903K3 Datasheet HTML 99Page - STMicroelectronics STM8S903K3 Datasheet HTML 100Page - STMicroelectronics STM8S903K3 Datasheet HTML 101Page - STMicroelectronics STM8S903K3 Datasheet HTML 102Page - STMicroelectronics STM8S903K3 Datasheet HTML 103Page - STMicroelectronics STM8S903K3 Datasheet HTML 104Page - STMicroelectronics STM8S903K3 Datasheet HTML 105Page - STMicroelectronics STM8S903K3 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 121 page
background image
Package information
STM8S903K3 STM8S903F3
102/121
DocID15590 Rev 10
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Figure 59. SO20 marking example (package top view)
1. Parts marked as “ES”,”E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.
Table 59. SO20 mechanical data
Dim.
mm
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
2.350
-
2.650
0.0925
-
0.1043
A1
0.100
-
0.300
0.0039
-
0.0118
B
0.330
-
0.510
0.013
-
0.0201
C
0.230
-
0.320
0.0091
-
0.0126
D
12.600
-
13.000
0.4961
-
0.5118
E
7.400
-
7.600
0.2913
-
0.2992
e
-
1.270
-
-
0.0500
-
H
10.000
-
10.650
0.3937
-
0.4193
h
0.250
-
0.750
0.0098
-
0.0295
L
0.400
-
1.270
0.0157
-
0.0500
k
0.0°
-
8.0°
0.0°
-
8.0°
ddd
-
-
0.100
-
-
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com