Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 38Page - STMicroelectronics STM8S903K3 Datasheet HTML 39Page - STMicroelectronics STM8S903K3 Datasheet HTML 40Page - STMicroelectronics STM8S903K3 Datasheet HTML 41Page - STMicroelectronics STM8S903K3 Datasheet HTML 42Page - STMicroelectronics STM8S903K3 Datasheet HTML 43Page - STMicroelectronics STM8S903K3 Datasheet HTML 44Page - STMicroelectronics STM8S903K3 Datasheet HTML 45Page - STMicroelectronics STM8S903K3 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
Memory and register map
STM8S903K3 STM8S903F3
42/121
DocID15590 Rev 10
0x00 7F90
DM
DM_BK1RE
DM breakpoint 1 register
extended byte
0xFF
0x00 7F91
DM_BK1RH
DM breakpoint 1 register
high byte
0xFF
0x00 7F92
DM_BK1RL
DM breakpoint 1 register
low byte
0xFF
0x00 7F93
DM_BK2RE
DM breakpoint 2 register
extended byte
0xFF
0x00 7F94
DM_BK2RH
DM breakpoint 2 register
high byte
0xFF
0x00 7F95
DM_BK2RL
DM breakpoint 2 register
low byte
0xFF
0x00 7F96
DM_CR1
DM debug module control
register 1
0x00
0x00 7F97
DM_CR2
DM debug module control
register 2
0x00
0x00 7F98
DM_CSR1
DM debug module
control/status register 1
0x10
0x00 7F99
DM_CSR2
DM debug module
control/status register 2
0x00
0x00 7F9A
DM_ENFCTR
DM enable function register 0xFF
0x00 7F9B to 0x00 7F9F
Reserved area (5 bytes)
1. Accessible by debug module only.
Table 9. CPU/SWIM/debug module/interrupt controller registers (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com