Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 24Page - STMicroelectronics STM8S903K3 Datasheet HTML 25Page - STMicroelectronics STM8S903K3 Datasheet HTML 26Page - STMicroelectronics STM8S903K3 Datasheet HTML 27Page - STMicroelectronics STM8S903K3 Datasheet HTML 28Page - STMicroelectronics STM8S903K3 Datasheet HTML 29Page - STMicroelectronics STM8S903K3 Datasheet HTML 30Page - STMicroelectronics STM8S903K3 Datasheet HTML 31Page - STMicroelectronics STM8S903K3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
Pinouts and pin descriptions
STM8S903K3 STM8S903F3
28/121
DocID15590 Rev 10
24 19
PC2/ TIM1_CH2
[TIM1_CH3N]
I/O
X
X
X
HS O3
X
X Port C2
Timer 1 -
channel 2
Timer 1 -
inverted channel
3 [AFR1:0]
25 20
PC3/
TIM1_CH3/TLI/[
TIM1_CH1N]
I/O
X
X
X
HS O3
X
X Port C3
Timer 1 -
channel 3
Top level
interrupt [AFR3]
Timer 1 inverted
channel 1
[AFR7]
26 21
PC4/
TIM1_CH4/
CLK_CCO/AIN2/
[TIM1_CH2N]
I/O
X
X
X
HS O3
X
X Port C4
Timer 1 -
channel 4
/configurable
clock output
Analog input 2
[AFR2]Timer 1
inverted channel
2 [AFR7]
27 22
PC5/SPI_SCK
[TIM5_CH1]
I/O
X
X
X
HS O3
X
X Port C5
SPI clock
Timer 5 channel
1 [AFR0]
28 23
PC6/ SPI_MOSI
[TIM1_CH1]
I/O
X
X
X
HS O3
X
X Port C6
SPI master
out/slave in
Timer 1 channel
1 [AFR0]
29 24
PC7/ SPI_MISO
[TIM1_CH2]
I/O
X
X
X
HS O3
X
X Port C7
SPI master in/
slave out
Timer 1 channel
2[AFR0]
30 25
PD0/
TIM1_BKIN
[CLK_CCO]
I/O
X
X
X
HS O3
X
X Port D0
Timer 1 - break
input
Configurable
clock output
[AFR5]
31 26
PD1/ SWIM(4)
I/O
X
X
X
HS O4
X
X Port D1
SWIM data
interface
-
32 27
PD2/AIN3/
[TIM5_CH3]
I/O
X
X
X
HS O3
X
X Port D2
-
Analog input 3
[AFR2] Timer 5 -
channel 3
[AFR1]
128
PD3/ AIN4/
TIM5_CH2/
ADC_ETR
I/O
X
X
X
HS O3
X
X Port D3
Analog input 4
Timer 5 -
channel 2/ADC
external trigger
-
229
PD4/
TIM5_CH1/
BEEP
[UART1_CK]
I/O
X
X
X
HS O3
X
X Port D4
Timer 5 -
channel 1/BEEP
output
UART clock
[AFR2]
330
PD5/ AIN5/
UART1_TX
I/O
X
X
X
HS O3
X
X Port D5
Analog input 5/
UART1 data
transmit
-
Table 6. STM8S903K3 UFQFPN32/LQFP32/SDIP32 pin descriptions (continued)
Pin name
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com