Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 43Page - STMicroelectronics STM8S903K3 Datasheet HTML 44Page - STMicroelectronics STM8S903K3 Datasheet HTML 45Page - STMicroelectronics STM8S903K3 Datasheet HTML 46Page - STMicroelectronics STM8S903K3 Datasheet HTML 47Page - STMicroelectronics STM8S903K3 Datasheet HTML 48Page - STMicroelectronics STM8S903K3 Datasheet HTML 49Page - STMicroelectronics STM8S903K3 Datasheet HTML 50Page - STMicroelectronics STM8S903K3 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
DocID15590 Rev 10
47/121
STM8S903K3 STM8S903F3
Option bytes
50
8.1
Alternate function remapping bits
OPT4
EXTCLK:
External clock selection
0: External crystal connected to OSCIN/OSCOUT
1: External clock signal on OSCIN
CKAWUSEL:
Auto wake-up unit/clock
0: LSI clock source selected for AWU
1: HSE clock with prescaler selected as clock source for AWU
PRSC[1:0]
AWU clock prescaler
0x: 16 MHz to 128 kHz prescaler
10: 8 MHz to 128 kHz prescaler
11: 4 MHz to 128 kHz prescaler
OPT5
HSECNT[7:0]:
HSE crystal oscillator stabilization time
0x00: 2048 HSE cycles
0xB4: 128 HSE cycles
0xD2: 8 HSE cycles
0xE1: 0.5 HSE cycles
Table 12. Option byte description (continued)
Option byte no.
Description
Table 13. STM8S903K3 alternate function remapping bits [7:2] for 32-pin packages
Option byte no.
Description(1)
1. Do not use more than one remapping option in the same port.
OPT2
AFR7
Alternate function remapping option 7
0: AFR7 remapping option inactive: Default alternate functions.(2)
1: Port C3 alternate function = TIM1_CH1N;
port C4 alternate function = TIM1_CH2N.
AFR6
Alternate function remapping option 6
0: AFR6 remapping option inactive: Default alternate function.(2)
1: Port D7 alternate function = TIM1_CH4.
AFR5
Alternate function remapping option 5
0: AFR5 remapping option inactive: Default alternate function.(2)
1: Port D0 alternate function = CLK_CCO.
AFR4
Alternate function remapping option 4
0: AFR4 remapping option inactive: Default alternate functions.(2)
1: Port B4 alternate function = ADC_ETR;
port B5 alternate function = TIM1_BKIN.
AFR3
Alternate function remapping option 3
0: AFR3 remapping option inactive: Default alternate function.(2)
1: Port C3 alternate function = TLI.
AFR2
Alternate function remapping option 2
0: AFR2 remapping option inactive: Default alternate functions.(2)
1: Port C4 alternate function = AIN2; port D2 alternate function = AIN3;
port D4 alternate function = UART1_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com