Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4510U-5/T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS4510U-5/T
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-5/T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS4510U-5/T Datasheet HTML 4Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 5Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 6Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 7Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 8Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 9Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 10Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 11Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
8
_____________________________________________________________________
I2C Definitions
The following terminology is commonly used to
describe I2C data transfers.
Master Device: The master device controls the slave
devices on the bus. The master device generates SCL
clock pulses, start, and stop conditions.
Slave Devices: Slave devices send and receive data
at the master’s request.
Bus Idle or Not Busy: Time between stop and start
conditions when both SDA and SCL are inactive and in
their logic-high states. When the bus is idle it often initi-
ates a low-power mode for slave devices.
Start Condition: A start condition is generated by the
master to initiate a new data transfer with a slave.
Transitioning SDA from high to low while SCL remains
high generates a start condition. See the timing dia-
gram for applicable timing.
Stop Condition: A stop condition is generated by the
master to end a data transfer with a slave. Transitioning
SDA from low to high while SCL remains high gener-
ates a stop condition. See the I2C Timing Diagram for
applicable timing.
Repeated Start Condition: The master can use a
repeated start condition at the end of one data transfer
to indicate that it will immediately initiate a new data
transfer following the current one. Repeated starts are
commonly used during read operations to identify a
specific memory address to begin a data transfer. A
repeated start condition is issued identically to a nor-
mal start condition. See the I2C Timing Diagram for
applicable timing.
Bit Write: Transitions of SDA must occur during the low
state of SCL. The data on SDA must remain valid and
unchanged during the entire high pulse of SCL (see
Figure 5) plus the setup and hold-time requirements.
Data is shifted into the device during the rising edge of
the SCL.
Bit Read: At the end a write operation, the master must
release the SDA bus line for the proper amount of setup
REGISTER BIT NAMES
REGISTER
NAME
REGISTER
LOCATION
(HEX)
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FACTORY OR
POWER-ON
DEFAULT
(BIN)
User
EEPROM
00-3F
EE
EE
EE
EE
EE
EE
EE
EE
00000000
Reserved
40-EF
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Pullup
Enable
F0
SEE
SEE
SEE
SEE
I/O3
pullup
I/O2
pullup
I/O1
pullup
I/O0
pullup
00000000
RST Delay
F1
SEE
SEE
SEE
SEE
SEE
SEE
TD1
TD0
00000011
User SEE
F2
SEE
SEE
SEE
SEE
SEE
SEE
SEE
SEE
00000000
User SEE
F3
SEE
SEE
SEE
SEE
SEE
SEE
SEE
SEE
00000000
I/O3
Control
F4
SEE
SEE
SEE
SEE
SEE
SEE
SEE
I/O3
00000001
I/O2
Control
F5
SEE
SEE
SEE
SEE
SEE
SEE
SEE
I/O2
00000001
I/O1
Control
F6
SEE
SEE
SEE
SEE
SEE
SEE
SEE
I/O1
00000001
I/O0
Control
F7
SEE
SEE
SEE
SEE
SEE
SEE
SEE
I/O0
00000001
I/O Status
F8
0
0
00
I/O3
Status
I/O2
Status
I/O1
Status
I/O0
Status
n/a
Config
F9
ready
trip point
reset
status
SEE
SWRST
00
0
XXX00000
User SRAM
FA-FF
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
SRAM
00000000
Figure 4. Register Bit Names



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com