Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4510U-5/T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4510U-5/T
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-5/T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS4510U-5/T Datasheet HTML 4Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 5Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 6Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 7Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 8Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 9Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 10Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 11Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
_____________________________________________________________________
9
time (see Figure 5) before the next rising edge of SCL
during a bit read. The device shifts out each bit of data
on SDA at the falling edge of the previous SCL pulse
and the data bit is valid at the rising edge of the current
SCL pulse. Remember that the master generates all
SCL clock pulses, including when it is reading bits from
the slave.
Acknowledgement
(ACK
and
NACK):
An
Acknowledgement (ACK) or Not Acknowledge (NACK)
is always the 9th bit transmitted during a byte transfer.
The device receiving data (the master during a read or
the slave during a write operation) performs an ACK by
transmitting a zero during the 9th bit. A device per-
forms a NACK by transmitting a one during the 9th bit.
Timing (Figure 5) for the ACK and NACK is identical to
all other bit writes. An ACK is the acknowledgment that
the device is properly receiving data. A NACK is used
to terminate a read sequence or as an indication that
the device is not receiving data.
Byte Write: A byte write consists of 8 bits of informa-
tion transferred from the master to the slave (most sig-
nificant bit first) plus a 1-bit acknowledgement from the
slave to the master. The 8 bits transmitted by the mas-
ter are done according to the bit-write definition and the
acknowledgement is read using the bit-read definition.
Byte Read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the
bit-read definition above, and the master transmits an
ACK using the bit-write definition to receive additional
data bytes. The master must NACK the last byte read
to terminate communication so the slave will return con-
trol of SDA to the master.
Slave Address and the R/
W Bit: Each slave on the I2C
bus responds to a slave addressing byte sent immedi-
ately following a start condition. The slave address byte
contains the slave address and the R/
W bit. The slave
address (see Figure 6) is the most significant 7 bits and
the R/
W bit is the least significant bit.
The DS4510’s slave address is 101000A0 (binary),
where A0 is the value of the A0 address pin. The
REGISTER
LOCATION (HEX)
REGISTER
NAME
FUNCTION
00 to 3F
User EEPROM
64 bytes of EEPROM memory.
40 to EF
Reserved
These memory locations are reserved for future products.
F0
Pullup Enable
The four least significant bits of this register each enable/disable one of the internal pullup
resistors. Set the bit to enable the pullup, clear it to disable the pullup.
F1
RST Delay
The two LSBs of this register (TD1 and TD0) select the reset delay (tRST) as shown in the
CPU Supervisor AC Timing Characteristics.
F2 to F3
User SEEPROM
SRAM Shadowed EEPROM user byte.
F4 to F7
I/OX Control
Clearing the LSB of the register enables the I/OX pulldown transistor; setting the bit disables
the pulldown transistor.
F8
I/O Status
This register reflects the logic level of the I/OX pins. The upper four bits of this register
always read zero.
F9
Config
This register contains 5 bits that read and control the behavior of the part as follows:
Bit Name
Bit Function
ready
Reads zero when VCC is above the DS4510's power-on reset voltage.
Trip Point
Reads one when VCC below VCCTP.
Reset Status
Reads one when the
RST pin is active.
SEE
When zero, writes to the SEEPROM registers behave like EEPROM. When one, writes to the
SEEPROM registers behave like SRAM.
SWRST
Setting this bit activates the
RST output. This bit automatically returns to zero during the
RST active time.
FA to FF
User SRAM
6 bytes of SRAM memory
Table 1. Register Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com