Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4510U-5/T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4510U-5/T
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-5/T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4510U-5/T Datasheet HTML 1Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 2Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 3Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 4Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 5Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 6Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 7Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 8Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
4
_____________________________________________________________________
Note 1:
All voltages referenced to ground.
Note 2:
The DS4510 does not obstruct the SDA and SCL lines if VCC is switched off, as long as the voltages applied to these
inputs do not violate their min and max input voltage levels.
Note 3:
ISTBY specified with VCC equal to 5.0V, and control port-logic pins are driven to ground or VCC for the corresponding
inactive state (SDA = SCL = VCC), does not include pullup resistor current.
Note 4:
See Typical Operating Characteristics for the
RST output voltage vs. supply voltage.
Note 5:
This parameter is guaranteed by design.
Note 6:
I2C interface timing shown for is for fast-mode (400kHz) operation. This device is also backward compatible with I2C
standard-mode timing.
Note 7:
CB—total capacitance of one bus line in picofarads.
Note 8:
EEPROM write time applies to all the EEPROM memory and SEEPROM memory when
SEE = 0. The EEPROM write time
begins at the occurrence of a stop condition.
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Writes
+70°C (Note 5)
50,000
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
4.0
3.5
35
40
45
50
30
3.0
5.0
VCC (10%)
TRIP POINT
SDA = SCL = VCC
I/O CONTROL BITS = 0
I/O PULLUPS DISABLED
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
10
20
30
40
50
60
0
-40
80
SDA = SCL = VCC
SUPPLY CURRENT vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
10
20
30
40
50
60
70
0
0
400
SDA = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com