Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4510U-5/T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4510U-5/T
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-5/T Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4510U-5/T Datasheet HTML 1Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 2Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 3Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 4Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 5Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 6Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 7Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 8Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The DS4510 is a CPU supervisor with integrated 64-
byte EEPROM memory and four programmable, non-
volatile (NV) I/O pins. It is configured with an
industry-standard I2C™ interface using either fast-
mode (400kbps) or standard-mode (100kbps) commu-
nication. The I/O pins can be used as general-purpose
I2C-to-parallel I/O expander with unlimited read/write
capability. EEPROM registers allow the power-on value
of the I/O pins to be adjusted to keep track of the sys-
tem’s state through power cycles, and the CPU supervi-
sor’s timer can be adjusted between 125ms and
1000ms to meet most any application need.
Applications
RAM-Based FPGA Bank Switching for
Multiple Profiles
Industrial Controls
Cellular Telephones
PC Peripherals
PDAs
Features
♦ Accurate 5%, 10%, or 15% 5V Power-Supply
Monitoring
♦ Programmable Reset Timer Maintains Reset After
VCC Returns to an In-Tolerance Condition
♦ Four Programmable, NV, Digital I/O Pins with
Selectable Internal Pullup Resistor
♦ 64 Bytes of User EEPROM
♦ Reduces Need for Discrete Components
♦ I2C-Compatible Serial Interface
♦ 10-Pin µSOP Package
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
______________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
I/O0
I/O1
I/O2
VCC
SCL
SDA
A0
TOP VIEW
I/O3
GND
µSOP
DS4510
RST
Pin Configuration
Ordering Information
DS4510
A0
SDA
SCL
I/O0
I/O1
I/O2
I/O3
GND
VCC
VCC
FPGA
2.7V TO 5.5V
GND
RESET
CONFIG0
CONFIG1
CONFIG2
CONFIG3
FROM
SYSTEM
CONTROLLER
4.7k
Ω
4.7k
Ω
4.7k
Ω
RST
Typical Operating Circuit
Rev 2; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
VCC TRIP
POINT
TEMP RANGE
PIN-
PACKAGE
DS4510U-5
5%
-40°C to +85°C
10 µSOP
DS4510U-10
10%
-40°C to +85°C
10 µSOP
DS4510U-15
15%
-40°C to +85°C
10 µSOP
DS4510U-5/T&R
5%
-40°C to +85°C
10 µSOP
DS4510U-10/T&R
10%
-40°C to +85°C
10 µSOP
DS4510U-15/T&R
15%
-40°C to +85°C
10 µSOP
I2C is a registered trademark of Philips Corp. Purchase of I2C components of Maxim Integrated Products, Inc. or one of its
Associated Companies, conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided
the system conforms to the I2C Standard Specifications as defined by Philips.


Similar Part No. - DS4510U-5/T

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
power light source LUXEON짰 III Emitter
logo
Astec America, Inc
DS450-3 ASTEC-DS450-3 Datasheet
187Kb / 3P
450-550 Watts 12V DS450-3/DS550-3 Distributed Power System
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
372Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
More results

Similar Description - DS4510U-5/T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3930 DALLAS-DS3930 Datasheet
616Kb / 12P
Hex Nonvolatile Potentiometer with I/O and Memory
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Maxim Integrated Produc...
DS4520 MAXIM-DS4520 Datasheet
972Kb / 10P
9-Bit I2C Nonvolatile I/O Expander Plus Memory
Rev 0; 6/04
logo
Intersil Corporation
X4C105 INTERSIL-X4C105 Datasheet
296Kb / 19P
CPU Supervisor with NOVRAM and Output Ports
March 18, 2005
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Intersil Corporation
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
logo
Texas Instruments
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
DS4520 MAXIM-DS4520_V01 Datasheet
740Kb / 11P
9-Bit I2C Nonvolatile I/O Expander Plus Memory
19-8355; Rev 1; 7/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com