Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4510U-5/T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS4510U-5/T
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-5/T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS4510U-5/T Datasheet HTML 4Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 5Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 6Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 7Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 8Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 9Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 10Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 11Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
10
____________________________________________________________________
address pin allows for the DS4510 to respond to one of
two slave addresses (1010000X, or 1010001X). If the
R/
W bit is zero, the master writes data to the slave. If
the R/
W is one, the master reads data from the slave.
Memory Address: During an I2C write operation, the
master must transmit a memory address to identify the
memory location where the slave is to store the data.
The memory address is always the second byte trans-
mitted during a write operation following the slave
address byte (R/
W = 0).
I2C Communications
Writing a Single Byte to a Slave: The master must
generate a start condition, write the slave address
(R/
W= 0), write the memory address, write the byte of
data and generate a stop condition. Remember the
master must read the slave’s acknowledgement during
all byte write operations.
Writing a Multiple Bytes to a Slave: To write multiple
bytes to a slave the master generates a start condition,
writes the slave address (R/
W = 0), writes the memory
address, writes up to 8 data bytes, and generates a
stop condition.
The DS4510 can write 1 to 8 bytes (one page or row)
with a single write transaction. This is internally con-
trolled by an address counter that allows data to be
written to consecutive addresses without transmitting a
memory address before each data byte is sent. The
address counter limits the write to one 8-byte page
(one row of the memory table, see Figure 3). Attempts
to write to additional pages of memory without sending
a stop condition between pages results in the address
counter wrapping around to the beginning of the pre-
sent row.
Example: A 3-byte write starts at address 06h and
writes three data bytes (11h, 22h, and 33h) to three
“consecutive” addresses. The result would be address-
es 06h and 07h would contain 11h and 22h, respective-
ly, and the third data byte, 33h, would be written to
address 00h.
To prevent address wrapping from occurring, the mas-
ter must send a stop condition at the end of the page,
then wait for the bus-free or EEPROM-write time to
elapse. The master may then generate a new start con-
tSP
tHD:STA
tSU:STA
tSU:DAT
tHD:DAT
tHIGH
tF
tR
tHD:STA
START
STOP
NOTE: TIMING IS REFERENCE TO VIL(MAX) AND VIH(MIN)
tLOW
tBUF
SDA
SCL
REPEATED
START
tSU:STO
Figure 5. I2C Timing Diagram
7-BIT SLAVE ADDRESS
MOST
SIGNIFICANT BIT
10
1
000
A0 R/W
A0 PIN
VALUE
DETERMINES
READ OR WRITE
Figure 6. DS4510’s Slave Address and the R/
W Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com