Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3G4250D Datasheet(PDF) 16 Page - STMicroelectronics

Part # A3G4250D
Description  16-bit rate value data output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A3G4250D Datasheet HTML 12Page - STMicroelectronics A3G4250D Datasheet HTML 13Page - STMicroelectronics A3G4250D Datasheet HTML 14Page - STMicroelectronics A3G4250D Datasheet HTML 15Page - STMicroelectronics A3G4250D Datasheet HTML 16Page - STMicroelectronics A3G4250D Datasheet HTML 17Page - STMicroelectronics A3G4250D Datasheet HTML 18Page - STMicroelectronics A3G4250D Datasheet HTML 19Page - STMicroelectronics A3G4250D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Main digital blocks
A3G4250D
16/44
Doc 022768 Rev 3
3
Main digital blocks
3.1
Block diagram
Figure 6.
Block diagram
3.2
FIFO
The A3G4250D embeds a 32-slot, 16-bit data FIFO for each of the three output channels:
yaw, pitch, and roll. This allows consistent power saving for the system, as the host
processor does not need to continuously poll data from the sensor. Instead, it can wake up
only when needed and burst the significant data out from the FIFO. This buffer can work in
five different modes. Each mode is selected by the FIFO_MODE bits in FIFO_CTRL_REG.
Programmable watermark level, FIFO_empty or FIFO_Full events can be enabled to
generate dedicated interrupts on the DRDY/INT2 pin (configured through CTRL_REG3),
and event detection information is available in FIFO_SRC_REG. The watermark level can
be configured to WTM4: 0 in FIFO_CTRL_REG.
3.2.1
Bypass mode
In bypass mode, the FIFO is not operational and for this reason it remains empty. As
illustrated in Figure 7, only the first address is used for each channel. The remaining FIFO
slots are empty. When new data is available, the old data is overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com