Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3G4250D Datasheet(PDF) 31 Page - STMicroelectronics

Part # A3G4250D
Description  16-bit rate value data output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button A3G4250D Datasheet HTML 27Page - STMicroelectronics A3G4250D Datasheet HTML 28Page - STMicroelectronics A3G4250D Datasheet HTML 29Page - STMicroelectronics A3G4250D Datasheet HTML 30Page - STMicroelectronics A3G4250D Datasheet HTML 31Page - STMicroelectronics A3G4250D Datasheet HTML 32Page - STMicroelectronics A3G4250D Datasheet HTML 33Page - STMicroelectronics A3G4250D Datasheet HTML 34Page - STMicroelectronics A3G4250D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
A3G4250D
Register description
Doc 022768 Rev 3
31/44
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
rate data. The register addresses, made up of 7 bits, are used to identify them and to write
the data through the serial interface.
7.1
WHO_AM_I (0Fh)
Device identification register.
7.2
CTRL_REG1 (20h)
DR<1:0> is used to set ODR selection. BW <1:0> is used to set Bandwidth selection.
In the following table (Table 22) all frequencies resulting in a combination of DR / BW bits
are reported.
Table 19.
WHO_AM_I register
1
10100
11
Table 20.
CTRL_REG1 register
DR1
DR0
BW1
BW0
PD
Zen
Yen
Xen
Table 21.
CTRL_REG1 description
DR1-DR0
Output data rate selection. Refer to Table 22
BW1-BW0
Bandwidth selection. Refer to Table 22
PD
Power-down mode enable. Default value: 0
(0: power-down mode, 1: normal mode or sleep mode)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
Table 22.
DR and BW configuration setting
DR <1:0>
BW <1:0>
ODR [Hz]
Cut-off
00
00
100
12.5
00
01
100
25
00
10
100
25
00
11
100
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com