Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6759DTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 11Page - STMicroelectronics L6759DTR Datasheet HTML 12Page - STMicroelectronics L6759DTR Datasheet HTML 13Page - STMicroelectronics L6759DTR Datasheet HTML 14Page - STMicroelectronics L6759DTR Datasheet HTML 15Page - STMicroelectronics L6759DTR Datasheet HTML 16Page - STMicroelectronics L6759DTR Datasheet HTML 17Page - STMicroelectronics L6759DTR Datasheet HTML 18Page - STMicroelectronics L6759DTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
L6759D
Electrical specifications
Doc ID 023240 Rev 1
15/51
SOFT-
START
SS time
Vboot > 0, from pin-strapping; multi-
phase section
2.5
mV/
µS
Vboot > 0, from pin-strapping;
single-phase section
1.25
mV/
µS
Vboot > 0, from pin-strapping;
single-phase section, JMode ON
2.5
mV/
µS
EN
Turn-ON
VEN rising
0.6
V
Turn-OFF
VEN falling
0.4
V
Leakage current
1
µA
SVI serial bus
SVCLCK,
SVDATA
Input high
0.65
V
Input low
0.45
V
SVDATA,
ALERT#
Voltage low (ACK)
ISINK = -5 mA
50
mV
PMBus
SMDATA,
SMCLK
Input high
1.75
V
Input low
1.45
V
SMAL#
Voltage low
ISINK = -4 mA
13
Ω
Reference and DAC
KVID
VOUT accuracy (MPhase)
FBR to VCORE; RGND to GNDCORE
VID>1.000 V
-0.5
0.5
%
KSVID
VOUT accuracy (SPhase)
JMODE=OFF; VUNCORE/VCORE
SFBR to VUNCORE; SRGND to
GNDUNCORE; VID>1.000 V
0.49
0.51
JMODE=ON; SFBR to VUNCORE;
SRGND to GNDUNCORE;
-5
5
mV
∆DROOP
LL accuracy (MPhase)
0 to full load
IINFOx = 0 µA; N=3; RG=866 Ω
-2.25
1.75
µA
IINFOx = 20 µA; N=3; RG=866 Ω
-2.5
2.5
µA
kIMON
IMON accuracy (MPhase)
IINFOx = 0; N=3; RG=866 Ω
00.75
µA
IINFOx = 20 µA; N=3; RG=866 Ω
-1
1
µA
A0
EA DC gain(1)
100
dB
SR
Slew-rate(1)
COMP to SGND = 10 pF
20
V/
µs
DVID
Slew-rate fast
Multi-phase section
10
mV/
µs
Slew-rate slow
2.5
mV/
µs
DVID
Slew-rate fast
Single-phase section
5mV/
µs
Slew-rate slow
1.25
mV/
µs
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com