Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6759DTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 30Page - STMicroelectronics L6759DTR Datasheet HTML 31Page - STMicroelectronics L6759DTR Datasheet HTML 32Page - STMicroelectronics L6759DTR Datasheet HTML 33Page - STMicroelectronics L6759DTR Datasheet HTML 34Page - STMicroelectronics L6759DTR Datasheet HTML 35Page - STMicroelectronics L6759DTR Datasheet HTML 36Page - STMicroelectronics L6759DTR Datasheet HTML 37Page - STMicroelectronics L6759DTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Efficiency optimization
L6759D
34/51
Doc ID 023240 Rev 1
9
Efficiency optimization
As per VR12 specifications, the SVI master may define different power states for the VR
controller. This is performed by SetPS commands. The L6759D re-configures itself to
improve overall system efficiency according to Table 10.
9.1
Dynamic phase management (DPM)
Dynamic phase management allows the number of working phases to be adjusted
according to the delivered current still maintaining the benefits of the multi-phase regulation.
The phase number is reduced by monitoring the voltage level across the IMON pin: the
L6759D reduces the number of working phases according to the strategy defined by the pin-
strapping configured and/or PMBus(TM) commands received (see Table 6 ). DPM12 refers
to the current at which the controller changes from 1 to 2 phases while DPM23 defines the
current at which the controller changes from 2 to 3 phases.
When DPM is enabled, the L6759D starts monitoring the IMON voltage for phase number
modification after VR_RDY has transition high: the soft-start is then implemented in
interleaving mode with all the available phases enabled.
DPM is reset in case of a SetVID command that affects the multi-phase section and when
LTB Technology™ detects a load transient. After being reset, if the voltage across IMON is
compatible, DPM is re-enabled after a proper delay.
Delay in the intervention of DPM can be adjusted by properly sizing the filer across the
IMON pin. Increasing the capacitance results in increased delay in the DPM intervention.
Note:
During load transients with light slope, the filtering of IMON may result too slow for the IC to
set the correct number of phases required for the current effectively loading the system (LTB
does not trigger in case of light slopes). The L6759D features a safety mechanism which re-
enables phases that were switched off by comparing ILIM and IMON pin voltage. In fact, the
ILIM pin is lightly filtered in order to perform a fast reaction of OC protection while IMON is
heavily filtered to perform the correct averaging of the information. While working
continuously in DPM, the device compares the information of IMON and ILIM: ILIM voltage is
divided into N steps with a width of VOCP/(2*N) (where VOCP = 2.5 V and N the number of
stuffed phases). If the DPM phase number resulting from IMON is not coherent with the step
in which ILIM stays, the phase number is increased accordingly.The mechanism is active
only to increase the phase number which is reduced again by DPM.
Table 10.
Efficiency optimization
Feature
PS00h
PS01h
DPM
According to pin-strapping and
PMBus(TM).
Active. 1Phase/2Phase according to
Iout.
VFDE
Active when in single-phase and
DPM enabled.
Active when in single-phase
GDC
According to pin-strapping and
PMBus(TM).
GDC set to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com