Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6759DTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 39Page - STMicroelectronics L6759DTR Datasheet HTML 40Page - STMicroelectronics L6759DTR Datasheet HTML 41Page - STMicroelectronics L6759DTR Datasheet HTML 42Page - STMicroelectronics L6759DTR Datasheet HTML 43Page - STMicroelectronics L6759DTR Datasheet HTML 44Page - STMicroelectronics L6759DTR Datasheet HTML 45Page - STMicroelectronics L6759DTR Datasheet HTML 46Page - STMicroelectronics L6759DTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
L6759D
PMBus support
Doc ID 023240 Rev 1
43/51
MFR_SPECIFIC_42
N1
FA
RW byte
DPM12_THRESHOLD. To access the internal register to set
the DPM12 threshold [A]
MFR_SPECIFIC_43
N1
FB
RW byte
DPM23_THRESHOLD. To access the internal register to set
the DPM23 threshold [A]
CAPABILITY
N
19
R byte
It provides a way for a host system to determine key
capabilities of a PMBus device, such as maximum bus speed
and PMBus alert.
VOUT_MODE
N
20
R byte
The device operates in VID mode.
PMBUS_REVISION
N
98
R byte
Revision of the PMBus which the device is compliant to
MFR_ID
N
99
R block
Returns the manufacturer ID
MFR_MODEL
N
9A
R block
Returns manufacturer model number
MFR_REVISION
N
9B
R block
Returns the device revision number
MFR_SPECIFIC_25
N
E9
R byte
ST_MODEL_ID
MFR_SPECIFIC_EXTEN
DED_COMMAND_00
Y
00
R byte
VR12_STATUS1
MFR_SPECIFIC_EXTEN
DED_COMMAND_01
Y
01
R byte
VR12_STATUS2
MFR_SPECIFIC_EXTEN
DED_COMMAND_02
Y
02
R byte
VR12_TEMPZONE
MFR_SPECIFIC_EXTEN
DED_COMMAND_03
Y
03
R byte
VR12_IOUT
MFR_SPECIFIC_EXTEN
DED_COMMAND_05
Y
05
R byte
VR12_VRTEMP
MFR_SPECIFIC_EXTEN
DED_COMMAND_07
Y
07
R byte
VR12_STATUS2_LASTREAD
MFR_SPECIFIC_EXTEN
DED_COMMAND_08
Y
08
R byte
VR12_ICCMAX
MFR_SPECIFIC_EXTEN
DED_COMMAND_09
Y
09
R byte
VR12_TEMPMAX
MFR_SPECIFIC_EXTEN
DED_COMMAND_10
Y
0A
R byte
VR12_SRFAST
MFR_SPECIFIC_EXTEN
DED_COMMAND_11
Y
0B
R byte
VR12_SRSLOW
MFR_SPECIFIC_EXTEN
DED_COMMAND_12
Y
0C
R byte
VR12_VBOOT
MFR_SPECIFIC_EXTEN
DED_COMMAND_13
Y
0D
R byte
VR12_VOUTMAX
MFR_SPECIFIC_EXTEN
DED_COMMAND_14
Y
0E
R byte
VR12_VIDSETTING
Table 11.
Supported commands (continued)
Command
Per
rail
Code
[Hex]
Mode
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com