Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6759DTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 28Page - STMicroelectronics L6759DTR Datasheet HTML 29Page - STMicroelectronics L6759DTR Datasheet HTML 30Page - STMicroelectronics L6759DTR Datasheet HTML 31Page - STMicroelectronics L6759DTR Datasheet HTML 32Page - STMicroelectronics L6759DTR Datasheet HTML 33Page - STMicroelectronics L6759DTR Datasheet HTML 34Page - STMicroelectronics L6759DTR Datasheet HTML 35Page - STMicroelectronics L6759DTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Single NTC thermal monitor and compensation
L6759D
32/51
Doc ID 023240 Rev 1
8
Single NTC thermal monitor and compensation
The L6759D features single NTC for thermal sensing for both thermal monitoring and
compensation. Thermal monitoring consists of monitoring the converter temperature
eventually reporting an alarm by asserting the VR_HOT signal. This is the base for the
temperature zone register fill. Thermal compensation consists of compensating the inductor
DCR derating with temperature, so preventing drifts in any variable correlated to the DCR:
voltage positioning, overcurrent, Imon, current reporting. Both functions share the same
thermal sensor (NTC) to optimize the overall application cost without compromising
performance.
8.1
Thermal monitor and VR_HOT
The diagram for the thermal monitor is reported in Figure 11. NTC should be placed close to
the power stage hot-spot in order to sense the regulator temperature. As the temperature of
the power stage increases, the NTC resistive value decreases, so reducing the voltage
observable at the TM pin.
The recommended NTC is NTHS0805N02N6801HE for accurate temperature sensing and
thermal compensation. Different NTC may be used: to reach the requested accuracy in
temperature reporting, a proper resistive network must be used in order to match the
resulting characteristic with the one coming from the recommended NTC.
The voltage observed at the TM pin is internally converted and then used to fill in the
temperature zone register. When the temperature observed exceeds TMAX (programmed
via PMBus, the default value is 110 °C), the L6759D asserts VR_HOT (active low - as long
as the overtemperature event lasts) and the ALERT# line (until reset by the GetReg
command on the status register).
Figure 11.
Thermal monitor connections
VCC5
TM
VR_HOT
Temp. Zone
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com