Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6759DTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 20Page - STMicroelectronics L6759DTR Datasheet HTML 21Page - STMicroelectronics L6759DTR Datasheet HTML 22Page - STMicroelectronics L6759DTR Datasheet HTML 23Page - STMicroelectronics L6759DTR Datasheet HTML 24Page - STMicroelectronics L6759DTR Datasheet HTML 25Page - STMicroelectronics L6759DTR Datasheet HTML 26Page - STMicroelectronics L6759DTR Datasheet HTML 27Page - STMicroelectronics L6759DTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Output voltage positioning
L6759D
24/51
Doc ID 023240 Rev 1
Figure 9 shows the current sense circuit used to implement the load-line. The current
flowing across the inductor(s) is read through the R-C filter across the CSxP and CSxN pins.
RG programs a trans-conductance gain and generates a current ICSx proportional to the
current of the phase. The sum of the ICSx current, with proper gain eventually adjusted by
the PMBus commands, is then sourced by the FB pin (IDROOP). RFB gives the final gain to
program the desired load-line slope (Figure 8).
Time constant matching between the inductor (L / DCR) and the current reading filter (RC)
is required to implement a real equivalent output impedance of the system, so voiding over
and/or undershoot of the output voltage as a consequence of a load transient. The output
voltage characteristic vs. load current is then given by:
Equation 4
where RLL is the resulting load-line resistance implemented by the multi-phase section.
The RFB resistor can be then designed according to the RLL specifications as follows:
Equation 5
6.4
Multi-phase section - IMON information
The voltage on the IMON pin contains the analog information related to the current delivered
by the VR and it is digitized for VR12 current reporting. The pin sources a copy of the droop
current:
Equation 6
See Section 6 for details about current reading.
The Iout register contains analog-to-digital conversion of the voltage present on the IMON
pin considering the following relationships:
a)
where RIMON is the resistor connected between IMON and
GND.
b)
VIMON=1.24 V corresponds to IMAX. RIMON is designed according to this
relationship.
Note:
Current reporting precision may be affected by external layout. The internal ADC is
referenced to the device GND pin: in order to perform the highest accuracy in the current
monitor, RIMON must be routed to the GND pin with a dedicated net to avoid GND plane
drops affecting the precision of the measurement.
V
OUT
VID
R
FB
I
DROOP
⋅
–
VID
R
FB
DCR
R
G
-------------
I
OUT
⋅⋅
–
VID
R
LL
I
OUT
⋅
–
==
=
R
FB
R
LL
R
G
DCR
-------------
⋅
=
I
IMON
I
DROOP
DCR
R
G
-------------
I
OUT
⋅
==
V
IMON
I
IMON
R
IMON
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com