Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6759DTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 31Page - STMicroelectronics L6759DTR Datasheet HTML 32Page - STMicroelectronics L6759DTR Datasheet HTML 33Page - STMicroelectronics L6759DTR Datasheet HTML 34Page - STMicroelectronics L6759DTR Datasheet HTML 35Page - STMicroelectronics L6759DTR Datasheet HTML 36Page - STMicroelectronics L6759DTR Datasheet HTML 37Page - STMicroelectronics L6759DTR Datasheet HTML 38Page - STMicroelectronics L6759DTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
L6759D
Efficiency optimization
Doc ID 023240 Rev 1
35/51
9.2
Variable frequency diode emulation (VFDE)
As the current required by the load is reduced, the L6759D progressively reduces the
number of switching phases according to DPM settings on the multi-phase section. If single-
phase operation is configured, when the delivered current approaches the CCM/DCM
boundary, the controller enters VFDE operation. The single-phase section, being a single-
phase, enters VFDE operation always when the delivered current approaches the
CCM/DCM boundary.
In a common single-phase DC-DC converter, the boundary between CCM and DCM is
when the delivered current is perfectly equal to 1/2 of the peak-to-peak ripple into the
inductor (Iout = Ipp/2). Further decreasing the load in this condition maintaining CCM
operation would cause the current into the inductor to reverse, therefore sinking current from
the output for a part of the off-time. This results in poor system efficiency.
The L6759D is able (via CSPx/CSNx pins) to detect the sign of the current across the
+inductor (zero cross detection, ZCD), so it is able to recognize when the delivered current
approaches the CCM/DCM boundary. In VFDE operation, the controller fires the high-side
MOSFET for a TON and the low-side MOSFET for a TOFF (the same as when the controller
works in CCM mode) and waits for the necessary time until the next firing in high-impedance
(HiZ). The consequence of this behavior is a linear reduction of the “apparent” switching
frequency that, in turn, results in an improvement of the efficiency of the converter when in
very light load conditions.
To prevent entering the audible range, the “apparent” switching frequency reduction is
limited to 30 kHz.
9.3
Gate drive control (GDC)
Gate drive control (GDC) is a proprietary function which allows the L6759D to dynamically
control the Power MOSFETs driving voltage in order to further optimize the overall system
efficiency. According to the SVI power state commanded and the configuration received
through the PMBus, the device switches this pin (GDC) between the VCC5 or VDRV
(inputs). By connecting the power supply of external drivers directly to this pin, it is then
possible to control carefully the external MOSFET driving voltage.
Figure 12.
Output current vs. switching frequency in PSK mode
t
Iout = Ipp/2
t
Iout < Ipp/2
Tsw
Tsw
Tvfde



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com