Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A70L7 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC564A70L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A70L7 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC564A70L7 Datasheet HTML 68Page - STMicroelectronics SPC564A70L7 Datasheet HTML 69Page - STMicroelectronics SPC564A70L7 Datasheet HTML 70Page - STMicroelectronics SPC564A70L7 Datasheet HTML 71Page - STMicroelectronics SPC564A70L7 Datasheet HTML 72Page - STMicroelectronics SPC564A70L7 Datasheet HTML 73Page - STMicroelectronics SPC564A70L7 Datasheet HTML 74Page - STMicroelectronics SPC564A70L7 Datasheet HTML 75Page - STMicroelectronics SPC564A70L7 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
Electrical characteristics
SPC564A70B4, SPC564A70L7
72/133
Doc ID 18078 Rev 4
3.3
Thermal characteristics
Table 10.
Thermal characteristics for 176-pin LQFP(1)
Symbol
C
Parameter
Conditions
Value Unit
RθJA CC D Junction-to-ambient, natural convection
(2)
Single-layer board – 1s
38
°C/W
RθJA CC D Junction-to-ambient, natural convection
(2)
Four-layer board – 2s2p
31
°C/W
RθJMA
CC D
Junction-to-moving-air, ambient(2)
at 200 ft./min., single-layer board – 1s
30
°C/W
CC D
at 200 ft./min., four-layer board – 2s2p
25
°C/W
RθJB CC D Junction-to-board
(3)
20
°C/W
RθJCtop CC D Junction-to-case
(4)
5°C/W
ΨJT CC D
Junction-to-package top, natural
convection(5)
2°C/W
1.
Thermal characteristics are targets based on simulation that are subject to change per device characterization.
2.
Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
3.
Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification
for the specified package.
4.
Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is
used for the case temperature. Reported value includes the thermal resistance of the interface layer.
5.
Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
Table 11.
Thermal characteristics for 208-pin LBGA(1)(2)
Symbol
C
Parameter
Conditions
Value Unit
RθJA
CC D
Junction-to-ambient, natural convection(3)
Single layer board – 1s(4)
39
°C/W
CC D
Four layer board – 2s2p(5)
24
°C/W
RθJMA
CC D
Junction-to-moving-air, ambient(3)
at 200 ft./min., single-layer board – 1s(5)
31
°C/W
CC D
at 200 ft./min., four-layer board – 2s2p
20
°C/W
RθJB CC D Junction-to-board
(6)
Four-layer board – 2s2p
13
°C/W
RθJC CC D Junction-to-case
(7)
6°C/W
ΨJT CC D Junction-to-package top natural convection(8)
2°C/W
1.
Thermal characteristics are targets based on simulation that are subject to change per device characterization.
2.
LBGA208 is available upon specific request. Please contact your ST sales office for details.
3.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
4.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal
5.
Per JEDEC JESD51-6 with the board horizontal
6.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
7.
Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
8.
Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com